Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS14001 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. TS14001
Description  nanoSmart® Ultra-Low-Power Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS14001 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TS14001 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS14001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS14001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS14001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS14001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS14001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS14001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS14001 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS14001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
- 3 -
TS14001
Version 1.4
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
THERMAL CHARACTERISTICS
Package
DFN
JA (C/W)
(See Note 4)
JC (C/W)
(See Note 5)
8 pin
73.1
10.7
Note 4: This assumes a FR4 board only.
Note 5: This assumes a 1oz. Copper JEDEC standard board with thermal vias. See Exposed Pad section and application note for more information.
RECOMMENDED OPERATING CONDITIONS
Parameter
Min
Typ
Max
Unit
Unregulated Supply Input Voltage (VCC)
2.5
5.5
V
Enable Input (EN)
0
5
V
Regulated Supply Output Voltage (VOUT) typical
1.2
4.2
V
Operating Ambient Temperature, TA (Note 6)
-40
55
°C
Operating Junction Temperature, TJ
-40
85
°C
Input Bypass Capacitor (CBYP)
2.2
uF
Output Bypass Capacitor (COUT)
1
2.2
4.7
uf
Note 6: TA Max shown here is a guideline. Higher TA can be tolerated if TJ does not exceed the Absolute Maximum Rating.
CHARACTERISTICS
Electrical characteristics, VCC = 2.5V to 5V, TJ = 25C, unless otherwise noted
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VBAT
Input Supply Voltage
2.5
5.5
V
VilEN
Input Low Logic Level
0.3*VCC
V
VihEN
Input High Logic Level
0.7*VCC
V
Iqq
Quiescent Current
VCC = 2.5V to 5.5V, IOUT = 0
20
nA
Iqq-disable
Quiescent Current:
Disable Mode
IOUT = 0, EN = 0
100
pA
Iop-gnd
Operating Current
VCC = VCC_MIN, IOUT = 200mA
(Note 7)
200
uA
VCC = VCC_NOM, IOUT = 200mA
(Note 7)
200
uA
VCC = VCC_MAX, IOUT = 200mA
(Note 7)
200
uA
Iout
Load Capability
Voutnominal from 1.2V to 3.5V
0
200
mA
Voutnominal >3.5V
0
100
Note 7: If Voutnominal < 2.5V, then VCC_MIN = 2.5V, otherwise VCC_MIN = Vout + 0.3V. VCC_MAX is always 5.5V. VCC_NOM is the average of VCC_MAX and
VCC_MIN.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn