Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL8N10LF3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL8N10LF3
Description  N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N10LF3 Datasheet(HTML) 5 Page - STMicroelectronics

  STL8N10LF3 Datasheet HTML 1Page - STMicroelectronics STL8N10LF3 Datasheet HTML 2Page - STMicroelectronics STL8N10LF3 Datasheet HTML 3Page - STMicroelectronics STL8N10LF3 Datasheet HTML 4Page - STMicroelectronics STL8N10LF3 Datasheet HTML 5Page - STMicroelectronics STL8N10LF3 Datasheet HTML 6Page - STMicroelectronics STL8N10LF3 Datasheet HTML 7Page - STMicroelectronics STL8N10LF3 Datasheet HTML 8Page - STMicroelectronics STL8N10LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STL8N10LF3
Electrical characteristics
Doc ID 023977 Rev 1
5/13
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
-
7.8
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
31.2
A
VSD
(2)
2.
Pulsed: pulse duration= 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 7.8 A, VGS=0
-
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 7.8 A,
di/dt = 100 A/µs,
VDD=48 V, Tj=150 °C
-
42.5
87
4.08
ns
nC
A


Similar Part No. - STL8N10LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8N10F7 STMICROELECTRONICS-STL8N10F7 Datasheet
619Kb / 14P
   High avalanche ruggedness
December 2014 Rev 2
More results

Similar Description - STL8N10LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
   N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
   N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL8DN10LF3 STMICROELECTRONICS-STL8DN10LF3 Datasheet
917Kb / 15P
   Automotive-grade dual N-channel 100 V, 25 m??typ., 7.8 A STripFET??F3 Power MOSFET in a PowerFLAT??5x6 double island package
July 2015 Rev 6
STL8DN6LF3 STMICROELECTRONICS-STL8DN6LF3 Datasheet
1Mb / 18P
   Automotive-grade dual N-channel 60 V, 22.5 m typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
   N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Description
STL90N10F7 STMICROELECTRONICS-STL90N10F7 Datasheet
482Kb / 14P
   N-channel 100 V, 0.007 廓 typ., 70 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
March 2015 Rev 4
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
   N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0145 ??typ., 12 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
October 2013 Rev 3
STL10DN15F3 STMICROELECTRONICS-STL10DN15F3 Datasheet
1Mb / 14P
   N-channel 150 V, 0.20 Ohm typ., 2.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0062 廓 typ., 19 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
July 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com