Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STL36N55M5 Datasheet(PDF) 16 Page - STMicroelectronics

Part No. STL36N55M5
Description  N-channel 550 V, 0.066 typ., 22.5 A MDmesh V Power MOSFET in a PowerFLAT 8x8 HV package
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STL36N55M5 Datasheet(HTML) 16 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STL36N55M5
16/17
Doc ID 022602 Rev 3
6
Revision history
Table 9.
Document revision history
Date
Revision
Changes
14-Dec-2011
1
First release.
17-Oct-2012
2
Updated: Table 5, 6 and 7 typ. values
24-Jan-2013
3
– Modified: Figure 1, 4 and 6
– Document status promoted from preliminary data to production
data
– Modified: VDD on Table 5
– Minor text changes


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn