Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYPF2010DNTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FYPF2010DNTU
Description  High frequency properties and switching speed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FYPF2010DNTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FYPF2010DNTU Datasheet HTML 1Page - Fairchild Semiconductor FYPF2010DNTU Datasheet HTML 2Page - Fairchild Semiconductor FYPF2010DNTU Datasheet HTML 3Page - Fairchild Semiconductor FYPF2010DNTU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, September 2002
20A SCHOTTKY BARRIER RECTIFIER
Absolute Maximum Ratings (per diode) T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode) T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
100
V
VR
Maximum DC Reverse Voltage
100
V
IF(AV)
Maximum Average Rectified Current
@ TC = 105°C20
A
IFSM
Maximum Forward Surge Current (per diode)
60Hz Single Half-Sine Wave
150
A
TJ, TSTG
Operating Junction and Storage Temperature
-65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case (per diode)
2.8
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
IF = 10A
IF = 10A
IF = 20A
IF = 20A
TC = 25 °C
TC = 125 °C
TC = 25 °C
TC = 125 °C
-
-
-
-
-
-
-
-
0.77
0.65
-
0.75
V
IRM *
Maximum Instantaneous Reverse Current
(per diode)
@ rated VR
TC = 25 °C
TC = 125 °C
-
-
-
-
0.1
20
mA
FYPF2010DN
Features
• Low forward voltage drop
• High frequency properties and switching speed
• Guard ring for over-voltage protection
Applications
• Switched mode power supply
• Freewheeling diodes
• Polarity protection
TO-220F
1
2
3
1. Anode 2.Cathode 3. Anode


Similar Part No. - FYPF2010DNTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FYPF2010DN FAIRCHILD-FYPF2010DN Datasheet
51Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Inchange Semiconductor ...
FYPF2010DN ISC-FYPF2010DN Datasheet
287Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - FYPF2010DNTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FYV0704SMTF FAIRCHILD-FYV0704SMTF Datasheet
45Kb / 5P
   High frequency properties and switching speed
logo
List of Unclassifed Man...
FYPF2045DNTU ETC2-FYPF2045DNTU Datasheet
57Kb / 4P
   Low forward voltage drop, High frequency properties and switching speed
logo
NEC
2SC2721 NEC-2SC2721 Datasheet
213Kb / 4P
   High Frequency Amplifier, Medium Speed Switching
logo
Hitachi Semiconductor
2SC1781H HITACHI-2SC1781H Datasheet
43Kb / 1P
   HIGH FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Sanyo Semicon Device
FC154 SANYO-FC154 Datasheet
248Kb / 7P
   High-Speed Switching, High-Frequency Amp Applications
logo
Continental Device Indi...
CSB772 CDIL-CSB772 Datasheet
136Kb / 3P
   Audio Frequency Power Amplifier and Low Speed Switching
logo
KODENSHI_AUK CORP.
SDB20100P-1 KODENSHI-SDB20100P-1 Datasheet
256Kb / 4P
   High speed switching and rectification
logo
Toshiba Semiconductor
2SC503 TOSHIBA-2SC503 Datasheet
464Kb / 3P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.
logo
KODENSHI_AUK CORP.
SF10A400HDS-1 KODENSHI-SF10A400HDS-1 Datasheet
344Kb / 4P
   High speed switching and rectification
logo
Hitachi Semiconductor
2SJ114 HITACHI-2SJ114 Datasheet
118Kb / 3P
   HIGH SPEED POWER SWITCHING, HIGH FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com