Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPV321M7 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LPV321M7
Description  LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321M7 Datasheet(HTML) 3 Page - Texas Instruments

  LPV321M7 Datasheet HTML 1Page - Texas Instruments LPV321M7 Datasheet HTML 2Page - Texas Instruments LPV321M7 Datasheet HTML 3Page - Texas Instruments LPV321M7 Datasheet HTML 4Page - Texas Instruments LPV321M7 Datasheet HTML 5Page - Texas Instruments LPV321M7 Datasheet HTML 6Page - Texas Instruments LPV321M7 Datasheet HTML 7Page - Texas Instruments LPV321M7 Datasheet HTML 8Page - Texas Instruments LPV321M7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LPV321, LPV324-N, LPV358-N
www.ti.com
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = 1.0V, VO = V
+/2 and R
L > 1 MΩ.
Parameter
Test Conditions
Min (1)
Typ (2)
Max (1)
Units
VOS
Input Offset Voltage
1.2
7
mV
TCVOS
Input Offset Voltage Average Drift
2
µV/°C
IB
Input Bias Current
1.7
50
nA
IOS
Input Offset Current
0.6
40
nA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.7V
50
70
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
50
65
dB
VO = 1V, VCM = 1V
VCM
Input Common-Mode Voltage
For CMRR
≥ 50 dB
0
−0.2
V
Range
1.9
1.7
VO
Output Swing
RL = 100 kΩ to 1.35V
V+
−100
V+
−3
mV
80
180
IS
Supply Current
LPV321-N
4
8
LPV358
8
16
Both Amplifiers
µA
LPV324
16
24
All Four Amplifiers
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = 1.0V, VO = V
+/2 and R
L > 1 MΩ.
Parameter
Test Conditions
Min (1)
Typ (2)
Max (1)
Units
GBWP
Gain-Bandwidth Product
CL = 22 pF
112
kHz
Φm
Phase Margin
97
Deg
Gm
Gain Margin
35
dB
en
Input-Referred Voltage Noise
f = 1 kHz
178
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.50
pA/
√Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
5V DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = 2.0V, VO = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (1)
Typ (2)
Max (1)
Units
VOS
Input Offset Voltage
1.5
7
mV
10
TCVOS
Input Offset Voltage Average Drift
2
µV/°C
IB
Input Bias Current
2
50
nA
60
IOS
Input Offset Current
0.6
40
nA
50
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 4V
50
71
dB
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LPV321 LPV324-N LPV358-N


Similar Part No. - LPV321M7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV321M7 NSC-LPV321M7 Datasheet
715Kb / 21P
   General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321M7 TI1-LPV321M7 Datasheet
1Mb / 22P
[Old version datasheet]   Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV321M7 TI1-LPV321M7 Datasheet
1Mb / 28P
[Old version datasheet]   LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV321M7 TI1-LPV321M7 Datasheet
1Mb / 28P
[Old version datasheet]   LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV321M7 TI1-LPV321M7 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LPV321M7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV358M TI1-LPV358M Datasheet
1Mb / 28P
[Old version datasheet]   LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV358MMX TI1-LPV358MMX Datasheet
1Mb / 28P
[Old version datasheet]   LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV321 TI1-LPV321 Datasheet
1Mb / 22P
[Old version datasheet]   Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Texas Instruments
LMV331-N TI-LMV331-N Datasheet
1Mb / 32P
[Old version datasheet]   LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
LMV331-N TI1-LMV331-N Datasheet
1Mb / 33P
[Old version datasheet]   LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com