Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8932-A Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 8932-A
Description  VOICE-COIL MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8932-A Datasheet(HTML) 5 Page - Allegro MicroSystems

  8932-A Datasheet HTML 1Page - Allegro MicroSystems 8932-A Datasheet HTML 2Page - Allegro MicroSystems 8932-A Datasheet HTML 3Page - Allegro MicroSystems 8932-A Datasheet HTML 4Page - Allegro MicroSystems 8932-A Datasheet HTML 5Page - Allegro MicroSystems 8932-A Datasheet HTML 6Page - Allegro MicroSystems 8932-A Datasheet HTML 7Page - Allegro MicroSystems 8932-A Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8932-A
VOICE-COIL MOTOR DRIVER
www.allegromicro.com
Term.
Terminal Name
Function
1
RET REF
The reference supply for setting the voltage across the load during retract.
2VFLT
Reservoir (energy storage) capacitor used to operate fault circuitry.
3VBEMF
Back-EMF voltage from spindle motor used to retract heads during loss of power.
4
GROUND
Circuit reference.
5UVSET
Under-voltage trip point reference input. Set internally to 4.2 V but may be overridden by
external resistor divider. (Equation 4).
6ROUT P
Source driver used for retract; externally connected to OUTP.
7
OUT
Output of uncommitted operational amplifier.
8
SWITCH
Logic input for transmission gate; a high level connects OUT to OUTSW.
9INN
Inverting input to uncommitted operational amplifier.
10
OUTSW
Transmission-gated output of uncommitted operational amplifier.
11
RETRACT
An active-low logic input that initiates the retract sequence.
12
FAULT
A logic low at this MOS output indicates a thermal shutdown, under-voltage fault, or retract
command.
13
MPRESET
(Power-On Reset) A logic low at this open-collector output may be used to reset the
system on under-voltage fault or power on.
14
SIGNAL SUPPLY
VCC; low-current supply voltage in the range of 4.5 V to 5.5 V.
15
ACT
Input which controls the current in the load. Transconductance gain is set with an external
resistor in series with this input (Equation 1).
16
REFERENCE
VREF; reference input for all amplifiers; ac ground.
17
H GAIN
Logic input to switch the error amplifier transconductance gain: LOW = 2000,
HIGH = 8000.
18
PWR OFF
An active-high logic input that puts the device in a “sleep mode”.
All fault circuitry remains active.
19
ACTFB
Input connection for feedback network which sets the error amplifier gain and bandwidth.
20
SGNDP
Power ground for the OUTP sink driver.
21
OUTN
Power output. Sinks current when VACT < VREF.
22
LOAD SUPPLY
VDD; high-current supply voltage for the voice-coil motor.
23
OUTP
Power output. Sinks current when VACT > VREF.
24
SGNDN
Power ground for the OUTN sink driver.
25
VSENS FB
Input connection for feedback network which sets the current-sense amplifier gain and
bandwidth. Also called gm SET.
26
VLOAD
An output voltage proportional to the load voltage. Used in conjunction with closed-loop
velocity control.
27
VSENS
Voltage output representing load current (Equation 2). Also called MONITOR.
28
RET SET
An external resistor divider to set the retract voltage across the load. Used in conjunction
with VRET-REF (Equation 3).
TERMINAL FUNCTIONS


Similar Part No. - 8932-A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
89322 NTE-89322 Datasheet
14Kb / 1P
   50V CERAMIC DISC
More results

Similar Description - 8932-A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
   VOICE COIL MOTOR DRIVER
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
   VOICE COIL MOTOR DRIVER
L6246 STMICROELECTRONICS-L6246 Datasheet
103Kb / 12P
   12V VOICE COIL MOTOR DRIVER
February 1998
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907_16 Datasheet
406Kb / 11P
   Low Voltage Voice Coil Motor Driver
logo
Vishay Siliconix
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
   12-V Voice Coil Motor Driver
Rev. G, 24-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com