Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2981AIM5X-5.0 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2981AIM5X-5.0
Description  LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981AIM5X-5.0 Datasheet(HTML) 1 Page - Texas Instruments

  LP2981AIM5X-5.0 Datasheet HTML 1Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 2Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 3Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 4Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 5Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 6Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 7Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 8Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LP2981-N
www.ti.com
SNOS773K – MARCH 2000 – REVISED APRIL 2013
LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
Check for Samples: LP2981-N
1
FEATURES
DESCRIPTION
The LP2981-N is a 100 mA, fixed-output voltage
2
Ultra Low Dropout Voltage
regulator
designed
specifically
to
meet
the
Output Voltage Accuracy 0.75% (A Grade)
requirements of battery-powered applications.
Specified 100 mA Output Current
Using an optimized VIP (Vertically Integrated PNP)
< 1
μA Quiescent Current when Shutdown
process,
the
LP2981-N
delivers
unequaled
Low Ground Pin Current at All Load Currents
performance in all specifications critical to battery-
powered designs:
High Peak Current Capability (300 mA Typical)
Dropout Voltage. Typically 200 mV @ 100 mA load,
Wide Supply Voltage Range (16V Max)
and 7 mV @ 1 mA load.
Fast Dynamic Response to Line and Load
Ground Pin Current. Typically 600
μA @ 100 mA
Low ZOUT Over Wide Frequency Range
load, and 80
μA @ 1 mA load.
Overtemperature/Overcurrent Protection
Sleep Mode. Less than 1
μA quiescent current when
−40°C to +125°C Junction Temperature Range
ON/OFF pin is pulled low.
APPLICATIONS
Precision Output. 0.75% tolerance output voltages
available (A grade).
Cellular Phone
Nine voltage options, from 2.5V to 5.0V, are available
Palmtop/Laptop Computer
as standard products.
Personal Digital Assistant (PDA)
Camcorder, Personal Stereo, Camera
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2981AIM5X-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981AIM5X-5.0 NSC-LP2981AIM5X-5.0 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981AIM5X-5.0 TI1-LP2981AIM5X-5.0 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-5.0 TI1-LP2981AIM5X-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-5.0 TI-LP2981AIM5X-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-5.0 TI1-LP2981AIM5X-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
More results

Similar Description - LP2981AIM5X-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981AIM5X-33 TI1-LP2981AIM5X-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-3.3 TI-LP2981IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N_15 TI-LP2981-N_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   LP2981-N Micropower 100-mA Ultra-Low Dropout Regulator in SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com