Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38511TJ-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38511TJ-ADJ
Description  LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38511TJ-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LP38511TJ-ADJ Datasheet HTML 1Page - Texas Instruments LP38511TJ-ADJ Datasheet HTML 2Page - Texas Instruments LP38511TJ-ADJ Datasheet HTML 3Page - Texas Instruments LP38511TJ-ADJ Datasheet HTML 4Page - Texas Instruments LP38511TJ-ADJ Datasheet HTML 5Page - Texas Instruments LP38511TJ-ADJ Datasheet HTML 6Page - Texas Instruments LP38511TJ-ADJ Datasheet HTML 7Page - Texas Instruments LP38511TJ-ADJ Datasheet HTML 8Page - Texas Instruments LP38511TJ-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
OUT
IN
GND
LP38511-ADJ
VIN
VOUT
EN
VEN
CIN
10 PF
Ceramic
COUT
10 PF
Ceramic
GND
GND
ON
OFF
CFF
ADJ
R1
R2
LP38511-ADJ
www.ti.com
SNVS545D – JANUARY 2009 – REVISED APRIL 2013
LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage
Regulator
Check for Samples: LP38511-ADJ
1
FEATURES
APPLICATIONS
2
2.25V to 5.5V Input Voltage Range
Digital Core ASICs, FPGAs, and DSPs
Adjustable Output Voltage Range of 0.5V to
Servers
3.3V
Routers and Switches
800mA Output Load Current
Base Stations
±2.0% Accuracy over Line, Load, and Full-
Storage Area Networks
Temperature Range from -40°C to +125°C
DDR2 Memory
Stable with Tiny 10 uF Ceramic Capacitors
DESCRIPTION
Enable Pin
The LP38511-ADJ Fast-Transient Response Low-
Dropout
Voltage
Regulator
offers
the
highest-
Typically Less than 1uA of Ground Pin Current
performance in meeting AC and DC accuracy
with Enable Pin Low
requirements
for
powering
Digital
Cores.
The
25dB of PSRR at 100 kHz
LP38511-ADJ uses a proprietary control loop that
Over-Temperature and Over-Current
enables extremely fast response to change in line
Protection
conditions and load demands. Output Voltage DC
accuracy is specified at 2.5% over line, load and full
8-Pin SO PowerPad and 5-Pin PFM Surface
temperature range from -40°C to +125°C. The
Mount Packages
LP38511-ADJ is designed for inputs from the 2.5V,
3.3V, and 5.0V rail, is stable with 10 uF ceramic
capacitors, and has an adjustable output voltage. The
LP38511-ADJ
provides
excellent
transient
performance
to
meet
the
demand
of
high
performance digital core ASICs, DSPs, and FPGAs
found in highly-intensive applications such as servers,
routers/switches, and base stations.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38511TJ-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511TJ-ADJ NSC-LP38511TJ-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511TJ-ADJ/NOPB TI1-LP38511TJ-ADJ/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results

Similar Description - LP38511TJ-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38511MR-ADJ TI-LP38511MR-ADJ Datasheet
1Mb / 21P
[Old version datasheet]   LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
Linear Technology
LT3150 LINER-LT3150_15 Datasheet
264Kb / 20P
   Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com