Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2960AIM-5.0 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2960AIM-5.0
Description  LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2960AIM-5.0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2960AIM-5.0 Datasheet HTML 7Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 8Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 9Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 10Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 11Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 12Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 13Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 14Page - Texas Instruments LP2960AIM-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LP2960
www.ti.com
SNVS112C – APRIL 1999 – REVISED APRIL 2013
APPLICATION HINTS
EXTERNAL CAPACITORS
Bypass capacitors on the input and output of the LP2960 are required: without these capacitors, the part will
oscillate.
A capacitor (whose value is at least 4.7
μF) must be connected from the VIN pin to ground. If the input capacitor
is located more than one inch away from the LP2960, the capacitor may have to be increased to 22
μF to assure
stability. A capacitor is also required between VOUT and Ground, and the minimum amount of capacitance
required here depends on output voltage.
If the output voltage of the LP2960 is set to 5V, a minimum of 10
μF is needed in output capacitance. At 3.3V
output, at least 22
μF is required to assure stability.
ESR LIMIT: The ESR of the capacitor used on the LP2960 must be less than 0.7
Ω throughout the entire
operating temperature range to assure stability.
The ESR of an aluminum eIectroIytic capacitor is typically only specified at 25°C, and does not reflect the
maximum ESR that can be expected to occur over the entire temperature range of the capacitor.
Aluminum electrolytics show a marked increase in ESR at low temperatures (ESR can increase by a factor of 30
or more when going from 25°C to
−30°C) which could lead to oscillation probIems in applications with very low
ambient temperatures. Solid tantalum capacitors are recommended for use in such cases.
Regulator instability can be caused by stray (board layout) capacitance appearing at the Feedback terminal.
Oscillations from this effect are most Iikely to occur when very high value resistors are used to set the output
voltage.
Adding a 100 pF capacitor between the Output and Feedback pins and increasing the output capacitor to at least
22
μF will stop the osciIIations.
MINIMUM LOAD
The internal resistive divider in the LP2960 provides sufficient output loading for proper regulation. If external
resistors are used to set the LP2960 output voltage, a minimum current of 5
μA through the externaI resistive
divider is recommended.
It should be noted that a minimum load current is specified in several of the test conditions listed under Electrical
Characteristics, and this value of load current must be used to get correlation on these test limits.
PROGRAMMING THE OUTPUT VOLTAGE
The LP2960 regulator may be pin-strapped for operation at the nominal output voltage using its internal resistive
divider by tying the Output and Sense pins together and also tying the Feedback and VTAP pins together.
Alternatively, it may be programmed for any voltage between the 1.23V reference and the 30V maximum rating
using an external pair of resistors (see Basic Application Circuit).
The complete equation for the output voltage is:
VOUT = VREF × (1 + R1/R2) + (IFB × R1)
(1)
The term VREF is the 1 .23V reference and IFB is the Feedback pin bias current (−20 nA typical). The minimum
recommended load current of 5
μA sets an upper limit of 240 kΩ on the value of R2 in cases where the regulator
must work with no load (see Minimum Load).
For best output accuracy, choosing R2 = 100 k
Ω will reduce the error resulting from IFB to 0.17% while increasing
the resistive divider current to 12
μA. Since the typicaI quiescent current of the LP2960 is 450 μA, this added
current through R2 is negligible.
DROPOUT VOLTAGE
The dropout voltage of the regulator is defined as the minimum input-to-output voltage differential required for the
output voltage to stay within 100 mV of the output voltage measured with a 1V differential. The dropout voltage is
independent of the programmed output voltage.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2960


Similar Part No. - LP2960AIM-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960AIM-5.0 NSC-LP2960AIM-5.0 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960AIM-5.0 TI1-LP2960AIM-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower 0.5A Low-Dropout Regulators
LP2960AIM-5.0/NOPB TI1-LP2960AIM-5.0/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower 0.5A Low-Dropout Regulators
More results

Similar Description - LP2960AIM-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com