Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8640HVMK-T Datasheet(PDF) 3 Page - Texas Instruments

Part # LMP8640HVMK-T
Description  Precision High Voltage Current Sense Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8640HVMK-T Datasheet(HTML) 3 Page - Texas Instruments

  LMP8640HVMK-T Datasheet HTML 1Page - Texas Instruments LMP8640HVMK-T Datasheet HTML 2Page - Texas Instruments LMP8640HVMK-T Datasheet HTML 3Page - Texas Instruments LMP8640HVMK-T Datasheet HTML 4Page - Texas Instruments LMP8640HVMK-T Datasheet HTML 5Page - Texas Instruments LMP8640HVMK-T Datasheet HTML 6Page - Texas Instruments LMP8640HVMK-T Datasheet HTML 7Page - Texas Instruments LMP8640HVMK-T Datasheet HTML 8Page - Texas Instruments LMP8640HVMK-T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LMP8640
LMP8640HV
www.ti.com
SNOSB28F – AUGUST 2010 – REVISED APRIL 2013
Operating Ratings
(1)
Supply Voltage (VS = V
+ - V)
2.7V to 12V
Temperature Range (2)
-40°C to 125°C
Package Thermal Resistance(2)
SOT-6
96°C/W
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. Operating Ratings indicate conditions at which the
device is functional and the device should not be operated beyond such conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), θJA, and the ambient temperature,
TA. The maximum allowable power dissipation PDMAX = (TJ(MAX) - TA)/ θJA or the number given in Absolute Maximum Ratings, whichever
is lower.
2.7V Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS=V
+ – V-, V
SENSE= +IN-(-IN), V
+ = 2.7V, V= 0V, −2V < V
CM <
76V, RL = 10MΩ. Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min(2)
Typ(3)
Max(2)
Unit
-900
900
VOS
Input Offset Voltage
VCM = 2.1V
µV
-1160
1160
TCVOS
Input Offset Voltage Drift(4) (5)
VCM = 2.1V
2.6
µV/°C
20
IB
Input Bias Current (6)
VCM = 2.1V
12
µA
27
eni
Input Voltage Noise (5)
f > 10 kHz
117
nV/
√Hz
Fixed Gain LMP8640-T
20
V/V
LMP8640HV-T
Fixed Gain LMP8640-F
50
V/V
LMP8640HV-F
Gain AV
Fixed Gain LMP8640-H
100
V/V
LMP8640HV-H
-0.25
0.25
Gain error
VCM = 2.1V
%
-0.51
0.51
Accuracy over temperature(5)
−40°C to 125°C, VCM=2.1V
26.2
ppm/°C
PSRR
Power Supply Rejection Ratio
VCM = 2.1V, 2.7V < V
+ < 12V,
85
dB
LMP8640HV 2.1V < VCM < 42V
103
LMP8640 2.1V < VCM< 42V
CMRR
Common Mode Rejection Ratio
dB
LMP8640HV 2.1V < VCM < 76V
95
-2V <VCM < 2V,
60
Fixed Gain LMP8640-T
DC VSENSE = 67.5 mV,
950
LMP8640HV-T (5)
CL = 30 pF,RL= 1MΩ
Fixed Gain LMP8640-F
DC VSENSE =27 mV,
BW
450
kHz
LMP8640HV-F (5)
CL = 30 pF, RL= 1MΩ
Fixed Gain LMP8640-H
DC VSENSE = 13.5 mV,
230
LMP8640HV-H (5)
CL = 30 pF ,RL= 1MΩ
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
This parameter is ensured by design and/or characterization and is not tested in production.
(6)
Positive Bias Current corresponds to current flowing into the device.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP8640 LMP8640HV


Similar Part No. - LMP8640HVMK-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640HVMK-T NSC-LMP8640HVMK-T Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HVMK-T/NOPB TI1-LMP8640HVMK-T/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
More results

Similar Description - LMP8640HVMK-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com