Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD18201T Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMD18201T
Description  3A, 55V H-Bridge
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMD18201T Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMD18201T Datasheet HTML 4Page - Texas Instruments LMD18201T Datasheet HTML 5Page - Texas Instruments LMD18201T Datasheet HTML 6Page - Texas Instruments LMD18201T Datasheet HTML 7Page - Texas Instruments LMD18201T Datasheet HTML 8Page - Texas Instruments LMD18201T Datasheet HTML 9Page - Texas Instruments LMD18201T Datasheet HTML 10Page - Texas Instruments LMD18201T Datasheet HTML 11Page - Texas Instruments LMD18201T Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LMD18201
SNVS092D – APRIL 1998 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
TYPES OF PWM SIGNALS
The LMD18201 readily interfaces with different forms of PWM signals. Use of the part with two of the more
popular forms of PWM is described in the following paragraphs.
Simple, locked anti-phase PWM consists of a single, variable duty-cycle signal in which is encoded both
direction and amplitude information (see Figure 9). A 50% duty-cycle PWM signal represents zero drive, since
the net value of voltage (integrated over one period) delivered to the load is zero. For the LMD18201, the PWM
signal drives the direction input (pin 3) and the PWM input (pin 5) is tied to logic high.
Figure 9. Locked Anti-Phase PWM Control
Sign/magnitude PWM consists of separate direction (sign) and amplitude (magnitude) signals (see Figure 10).
The (absolute) magnitude signal is duty-cycle modulated, and the absence of a pulse signal (a continuous logic
low level) represents zero drive. Current delivered to the load is proportional to pulse width. For the LMD18201,
the DIRECTION input (pin 3) is driven by the sign signal and the PWM input (pin 5) is driven by the magnitude
signal.
Figure 10. Sign/Magnitude PWM Control
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMD18201


Similar Part No. - LMD18201T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18201T NSC-LMD18201T Datasheet
261Kb / 8P
   3A, 55V H-Bridge
More results

Similar Description - LMD18201T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
   3A, 55V H-Bridge
LMD18201 NSC-LMD18201 Datasheet
261Kb / 8P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
[Old version datasheet]   LMD18200 3A, 55V H-Bridge
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
[Old version datasheet]   2.4A, 55V H-Bridge
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com