Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25085MYX Datasheet(PDF) 7 Page - Texas Instruments

Part # LM25085MYX
Description  LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085MYX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25085MYX Datasheet HTML 3Page - Texas Instruments LM25085MYX Datasheet HTML 4Page - Texas Instruments LM25085MYX Datasheet HTML 5Page - Texas Instruments LM25085MYX Datasheet HTML 6Page - Texas Instruments LM25085MYX Datasheet HTML 7Page - Texas Instruments LM25085MYX Datasheet HTML 8Page - Texas Instruments LM25085MYX Datasheet HTML 9Page - Texas Instruments LM25085MYX Datasheet HTML 10Page - Texas Instruments LM25085MYX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM25085, LM25085-Q1
www.ti.com
SNVS593H – OCTOBER 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 24V.
On-Time vs. Temperature
Minimum On-Time vs. Temperature
Figure 16.
Figure 17.
Off-Time vs. Temperature
Current Limit Comparator Offset vs. Temperature
Figure 18.
Figure 19.
ADJ Pin Current vs. Temperature
PGATE Driver Output Resistance vs. Temperature
Figure 20.
Figure 21.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25085 LM25085-Q1


Similar Part No. - LM25085MYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25085MYX NSC-LM25085MYX Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085MYX/NOPB TI-LM25085MYX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
More results

Similar Description - LM25085MYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com