Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25085MMX Datasheet(PDF) 4 Page - Texas Instruments

Part # LM25085MMX
Description  LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085MMX Datasheet(HTML) 4 Page - Texas Instruments

  LM25085MMX Datasheet HTML 1Page - Texas Instruments LM25085MMX Datasheet HTML 2Page - Texas Instruments LM25085MMX Datasheet HTML 3Page - Texas Instruments LM25085MMX Datasheet HTML 4Page - Texas Instruments LM25085MMX Datasheet HTML 5Page - Texas Instruments LM25085MMX Datasheet HTML 6Page - Texas Instruments LM25085MMX Datasheet HTML 7Page - Texas Instruments LM25085MMX Datasheet HTML 8Page - Texas Instruments LM25085MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM25085, LM25085-Q1
SNVS593H – OCTOBER 2008 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 24V, RT = 100kΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RT Pin
RTSD
Shutdown Threshold
RT Pin Voltage Rising
0.73
V
RTHYS
Shutdown Threshold Hysteresis
50
mV
On-Time
tON – 1
On-Time
VIN = 4.5V, RT = 100kΩ
3.5
5
7.15
µs
tON – 2
VIN = 24V, RT = 100kΩ
560
720
870
ns
tON - 3
VIN = 42V, RT = 100kΩ
329
415
500
ns
tON - 4
Minimum On-Time in Current Limit
VIN = 24V, 25mV Overdrive at ISEN
55
140
235
ns
(3)
Off-Time
tOFF(CL1)
Off-Time (Current Limit) (3)
VIN = 12V, VFB = 0V
5.35
7.9
10.84
µs
tOFF(CL2)
VIN = 12V, VFB = 1V
1.42
1.9
3.03
µs
tOFF(CL3)
VIN = 24V, VFB = 0V
8.9
13
17.7
µs
tOFF(CL4)
VIN = 24V, VFB = 1V
2.22
3.2
4.68
µs
Regulation and Over-Voltage Comparators (FB Pin)
VREF
FB Regulation Threshold
1.225
1.25
1.275
V
VOV
FB Over-Voltage Threshold
Measured With Respect to VREF
350
mV
IFB
FB Bias Current
10
nA
Soft-Start Function
tSS
Soft-Start Time
1.4
2.5
4.3
ms
Thermal Shutdown
TSD
Junction Shutdown Temperature
Junction Temperature Rising
170
°C
THYS
Junction Shutdown Hysteresis
20
°C
Thermal Resistance(4)
θJA
Junction to Ambient, 0 LFPM Air
VSSOP-8 package
126
°C/W
Flow (5)
HVSSOP-PowerPAD-8 package
46
WSON-8 package
54
θJC
Junction to Case, 0 LFPM Air Flow
VSSOP-8 package
29
°C/W
(5)
HVSSOP-PowerPAD-8 package
5.5
WSON-8 package
9.1
(3)
The tolerance of the minimum on-time (tON-4) and the current limit off-times (tOFF(CL1) through (tOFF(CL4)) track each other over process
and temperature variations. A device which has an on-time at the high end of the range will have an off-time that is at the high end of its
range.
(4)
For detailed information on soldering plastic VSSOP and WSON packages visit www.ti.com/packaging.
(5)
Tested on a 4 layer JEDEC board. Four vias provided under the exposed pad. See JEDEC standards JESD51-5 and JESD51-7.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM25085 LM25085-Q1


Similar Part No. - LM25085MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25085MMX NSC-LM25085MMX Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085MMX/NOPB TI-LM25085MMX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
More results

Similar Description - LM25085MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com