Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3411TRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR3411TRPBF
Description   Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3411TRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR3411TRPBF Datasheet HTML 2Page - International Rectifier IRFR3411TRPBF Datasheet HTML 3Page - International Rectifier IRFR3411TRPBF Datasheet HTML 4Page - International Rectifier IRFR3411TRPBF Datasheet HTML 5Page - International Rectifier IRFR3411TRPBF Datasheet HTML 6Page - International Rectifier IRFR3411TRPBF Datasheet HTML 7Page - International Rectifier IRFR3411TRPBF Datasheet HTML 8Page - International Rectifier IRFR3411TRPBF Datasheet HTML 9Page - International Rectifier IRFR3411TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFR/U3411PbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
175
0
100
200
300
400
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
6.5A
11.3A
16A


Similar Part No. - IRFR3411TRPBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRFR3411TRPBF VBSEMI-IRFR3411TRPBF Datasheet
1,022Kb / 8P
   N-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com