Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHM831TRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFHM831TRPBF
Description  Control MOSFET for Buck Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM831TRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRFHM831TRPBF Datasheet HTML 1Page - International Rectifier IRFHM831TRPBF Datasheet HTML 2Page - International Rectifier IRFHM831TRPBF Datasheet HTML 3Page - International Rectifier IRFHM831TRPBF Datasheet HTML 4Page - International Rectifier IRFHM831TRPBF Datasheet HTML 5Page - International Rectifier IRFHM831TRPBF Datasheet HTML 6Page - International Rectifier IRFHM831TRPBF Datasheet HTML 7Page - International Rectifier IRFHM831TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFHM831PbF
www.irf.com
5
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
-VDD
VGS
2
4
6
8
10
12
14
16
18
20
VGS, Gate-to-Source Voltage (V)
0
5
10
15
20
25
30
35
40
TJ = 25°C
TJ = 125°C
ID = 12A
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
200
I D
TOP
3.1A
6.4A
BOTTOM
12A


Similar Part No. - IRFHM831TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM831 IRF-IRFHM831 Datasheet
268Kb / 2P
   Small PowIR MOSFETs
IRFHM831PBF IRF-IRFHM831PBF Datasheet
247Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM831PBF INFINEON-IRFHM831PBF Datasheet
480Kb / 10P
   Control MOSFET for Buck Converters
2016-2-26
logo
International Rectifier
IRFHM831PBF IRF-IRFHM831PBF_15 Datasheet
247Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM831TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5306PBF IRF-IRFH5306PBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304PBF IRF-IRFH5304PBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
IRFH5304PBF IRF-IRFH5304PBF_15 Datasheet
243Kb / 9P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH5304PBF INFINEON-IRFH5304PBF Datasheet
1,008Kb / 10P
   Control MOSFET for Buck Converters
Rev. 2.4, 2021-03-19
IRFHM831PBF INFINEON-IRFHM831PBF Datasheet
480Kb / 10P
   Control MOSFET for Buck Converters
2016-2-26
logo
International Rectifier
IRFH5306TRPBF IRF-IRFH5306TRPBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304TRPBF IRF-IRFH5304TRPBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
IRFH5306PBF IRF-IRFH5306PBF_15 Datasheet
243Kb / 9P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH8330PBF INFINEON-IRFH8330PBF Datasheet
1Mb / 10P
   Control MOSFET for high frequency buck converters
Rev. 2.4, 2020-10-15
logo
International Rectifier
IRFH8330PBF IRF-IRFH8330PBF Datasheet
318Kb / 9P
   Control MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com