Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4670ITLX Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4670ITLX
Description  LM4670 Boomer Audio Power Amplifier Series Filterless High
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4670ITLX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4670ITLX Datasheet HTML 7Page - Texas Instruments LM4670ITLX Datasheet HTML 8Page - Texas Instruments LM4670ITLX Datasheet HTML 9Page - Texas Instruments LM4670ITLX Datasheet HTML 10Page - Texas Instruments LM4670ITLX Datasheet HTML 11Page - Texas Instruments LM4670ITLX Datasheet HTML 12Page - Texas Instruments LM4670ITLX Datasheet HTML 13Page - Texas Instruments LM4670ITLX Datasheet HTML 14Page - Texas Instruments LM4670ITLX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM4670
www.ti.com
SNAS240C – DECEMBER 2004 – REVISED MAY 2013
The rising and falling edges are necessarily short in relation to the minimum pulse width (350ns), having
approximately 16ns rise and fall times, typical, depending on parasitic output capacitance. The inductive nature
of the transducer load can also result in overshoot on one or both edges, clamped by the parasitic diodes to
GND and VDD in each case. From an EMI standpoint, this is an aggressive waveform that can radiate or conduct
to other components in the system and cause interference. It is essential to keep the power and output traces
short and well shielded if possible. Use of ground planes, beads, and micro-strip layout techniques are all useful
in preventing unwanted interference.
As the distance from the LM4670 and the speaker increase, the amount of EMI radiation will increase since the
output wires or traces acting as antenna become more efficient with length. What is acceptable EMI is highly
application specific. Ferrite chip inductors placed close to the LM4670 may be needed to reduce EMI radiation.
The value of the ferrite chip is very application specific.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection ratio (PSRR). The capacitor (CS) location should be as close as possible to the LM4670. Typical
applications employ a voltage regulator with a 10µF and a 0.1µF bypass capacitors that increase supply stability.
These capacitors do not eliminate the need for bypassing on the supply pin of the LM4670. A 1µF tantalum
capacitor is recommended.
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the LM4670 contains shutdown circuitry that reduces
current draw to less than 0.01µA. The trigger point for shutdown is shown as a typical value in Electrical
Characteristics and in the Shutdown Hysteresis Voltage graphs found in Typical Performance Characteristics. It
is best to switch between ground and supply for minimum current usage while in the shutdown state. While the
LM4670 may be disabled with shutdown voltages in between ground and supply, the idle current will be greater
than the typical 0.01µA value. Increased THD may also be observed with voltages less than VDD on the
Shutdown pin when in PLAY mode.
The LM4670 has an internal resistor connected between GND and Shutdown pins. The purpose of this resistor is
to eliminate any unwanted state changes when the Shutdown pin is floating. The LM4670 will enter the shutdown
state when the Shutdown pin is left floating or if not floating, when the shutdown voltage has crossed the
threshold. To minimize the supply current while in the shutdown state, the Shutdown pin should be driven to
GND or left floating. If the Shutdown pin is not driven to GND, the amount of additional resistor current due to the
internal shutdown resistor can be found by Equation 1.
(VSD - GND) / 300kΩ
(1)
With only a 0.5V difference, an additional 1.7µA of current will be drawn while in the shutdown state.
PROPER SELECTION OF EXTERNAL COMPONENTS
The gain of the LM4670 is set by the external resistors, Ri in Figure 1, The Gain is given by Equation 2. Best
THD+N performance is achieved with a gain of 2V/V (6dB).
AV = 2 * 150 kΩ / Ri (V/V)
(2)
It is recommended that resistors with 1% tolerance or better be used to set the gain of the LM4670. The Ri
resistors should be placed close to the input pins of the LM4670. Keeping the input traces close to each other
and of the same length in a high noise environment will aid in noise rejection due to the good CMRR of the
LM4670. Noise coupled onto input traces which are physically close to each other will be common mode and
easily rejected by the LM4670.
Input capacitors may be needed for some applications or when the source is single-ended (see Figure 27 and
Figure 29). Input capacitors are needed to block any DC voltage at the source so that the DC voltage seen
between the input terminals of the LM4670 is 0V. Input capacitors create a high-pass filter with the input
resistors, Ri. The –3dB point of the high-pass filter is found using Equation 3.
fC = 1 / (2πRi Ci ) (Hz)
(3)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4670


Similar Part No. - LM4670ITLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4670ITLX NSC-LM4670ITLX Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
logo
Texas Instruments
LM4670ITLX/NOPB TI1-LM4670ITLX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
More results

Similar Description - LM4670ITLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
[Old version datasheet]   Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
logo
Texas Instruments
LM4900M TI1-LM4900M Datasheet
994Kb / 19P
[Old version datasheet]   LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820_13 Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4902 TI-LM4902_15 Datasheet
1Mb / 24P
[Old version datasheet]   Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com