Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4670 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4670
Description  LM4670 Boomer Audio Power Amplifier Series Filterless High
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4670 Datasheet(HTML) 1 Page - Texas Instruments

  LM4670 Datasheet HTML 1Page - Texas Instruments LM4670 Datasheet HTML 2Page - Texas Instruments LM4670 Datasheet HTML 3Page - Texas Instruments LM4670 Datasheet HTML 4Page - Texas Instruments LM4670 Datasheet HTML 5Page - Texas Instruments LM4670 Datasheet HTML 6Page - Texas Instruments LM4670 Datasheet HTML 7Page - Texas Instruments LM4670 Datasheet HTML 8Page - Texas Instruments LM4670 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM4670
www.ti.com
SNAS240C – DECEMBER 2004 – REVISED MAY 2013
LM4670 Boomer™ Audio Power Amplifier Series Filterless High Efficiency 3W Switching
Audio Amplifier
Check for Samples: LM4670
1
FEATURES
DESCRIPTION
The LM4670 is a fully integrated single-supply high
23
No Output Filter Required for Inductive Loads
efficiency switching audio amplifier. It features an
Externally Configurable Gain
innovative modulator that eliminates the LC output
Very Fast Turn on Time: 1.35ms (Typ)
filter
used
with
typical
switching
amplifiers.
Eliminating
the
output
filter
reduces
external
Minimum External Components
component
count,
simplifies
circuit
design,
and
"Click and Pop" Suppression Circuitry
reduces board area. The LM4670 processes analog
Micro-Power Shutdown Mode
inputs with a delta-sigma modulation technique that
lowers output noise and THD when compared to
Short Circuit Protection
conventional pulse width modulators.
Available in Space-Saving DSBGA and WSON
Packages
The LM4670 is designed to meet the demands of
mobile phones and other portable communication
devices. Operating on a single 5V supply, it is
APPLICATIONS
capable of driving a 4
Ω speaker load at a continuous
Mobile Phones
average output of 2.3W with less than 1% THD+N. Its
PDAs
flexible power supply requirements allow operation
from 2.4V to 5.5V.
Portable Electronic Devices
The LM4670 has high efficiency with speaker loads
KEY SPECIFICATIONS
compared to a typical Class AB amplifier. With a 3.6V
supply driving an 8
Ω speaker, the IC's efficiency for a
Efficiency at 3.6V, 100mW into 8
Ω Speaker,
100mW power level is 77%, reaching 88% at 600mW
77% (Typ)
output power.
Efficiency at 3.6V, 600mW into 8
Ω Speaker,
The LM4670 features a low-power consumption
88% (Typ)
shutdown mode. Shutdown may be enabled by
Efficiency at 5V, 1W into 8
Ω Speaker, 87%
driving the Shutdown pin to a logic low (GND).
(Typ)
The gain of the LM4670 is externally configurable
Quiescent Current, 3.6V Supply, 4.8mA (Typ)
which allows independent gain control from multiple
Total Shutdown Power Supply Current, 0.01µA
sources by summing the signals.
(Typ)
Single Supply Range, 2.4 to 5.5V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 20P
   Filterless High Efficiency 3W Switching Audio Amplifier
logo
Texas Instruments
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
National Semiconductor ...
LM4670ITL NSC-LM4670ITL Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
logo
Texas Instruments
LM4670ITL/NOPB TI1-LM4670ITL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
More results

Similar Description - LM4670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
[Old version datasheet]   Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
logo
Texas Instruments
LM4900M TI1-LM4900M Datasheet
994Kb / 19P
[Old version datasheet]   LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820_13 Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4902 TI-LM4902_15 Datasheet
1Mb / 24P
[Old version datasheet]   Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com