Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2144 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2144
Description  2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2144 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2144 Datasheet HTML 1Page - Monolithic Power Systems MP2144 Datasheet HTML 2Page - Monolithic Power Systems MP2144 Datasheet HTML 3Page - Monolithic Power Systems MP2144 Datasheet HTML 4Page - Monolithic Power Systems MP2144 Datasheet HTML 5Page - Monolithic Power Systems MP2144 Datasheet HTML 6Page - Monolithic Power Systems MP2144 Datasheet HTML 7Page - Monolithic Power Systems MP2144 Datasheet HTML 8Page - Monolithic Power Systems MP2144 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP2144 – 2A, 5.5V, 1.2MHz. 40μA IQ, SYNCHRONOUS STEP-DOWN SWITCHER
MP2144 Rev. 1.03
www.MonolithicPower.com
3
12/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
2.5V ≤ VIN ≤ 5.5V
-1.5%
0.600 +1.5%
Feedback Voltage
VFB
TA=-40
oC to +85oC
-2%
+2%
V/%
Feedback Current
IFB
VFB = 0.63V
10
nA
PFET Switch ON Resistance
RDSON_P
90
mΩ
NFET Switch ON Resistance
RDSON_N
60
mΩ
Switch Leakage
VEN = 0V, VIN = 5V
VSW = 0V and 5V
0.1
2
μA
PFET Current Limit
3.3
3.8
A
NFET Switch Sinking Current
INSW
VOUT=1.2V, VFB=0.7V
100
μA
VIN=5V, VOUT=1.2V
200
ON Time
tON
VIN=3.6V, VOUT=1.2V
277
nS
VIN=5V, VOUT=1.2V, IOUT=1A
-20%
1200
+20%
kHz
Switching frequency
fs
TA=-40
oC to +85oC
-25%
1200
+25%
kHz
Minimum OFF Time
tMIN-OFF
50
ns
Soft-Start Time
tSS-ON
1.3
ms
Soft-Stop Time
tSS-OFF
1
ms
Power-Good Upper Trip
Threshold
PGH
FB voltage with respect to
the regulation
+10%
%
Power-Good Lower Trip
Threshold
PGL
-10%
%
Power-Good Delay
PGD
110
μs
Power-Good Sink Current
Capability
VPG-L
Sink 1mA
0.4
V
Power Good Logic High Voltage
VPG-H
VIN=5V, VFB=0.6V
4.9
V
Power Good Internal Pull-Up
Resistor
RPG
500
kΩ
Under-Voltage Lockout Threshold
Rising
2.0
2.2
2.4
V
Under-Voltage Lockout Threshold
Hysteresis
150
mV
EN Input Logic Low Voltage
0.4
V
EN Input Logic High Voltage
1.2
V
VEN=2V
2
μA
EN Input Current
VEN=0V
0.1
μA
Supply Current (Shutdown)
VEN=0V
0.1
μA
Supply Current (Quiescent)
VEN=2V, VFB=0.63V,
VIN=3.6V
40
μA
Thermal Shutdown
150
°C
Thermal Hysteresis
30
°C
Notes:
5) Guaranteed by design.


Similar Part No. - MP2144

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MP214 SELEC-MP214 Datasheet
279Kb / 1P
   Digital Power Factor Meter
logo
Monolithic Power System...
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141NGTF MPS-MP2141NGTF Datasheet
1Mb / 19P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141NGTF MPS-MP2141NGTF Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
MP2141NGTF-15 MPS-MP2141NGTF-15 Datasheet
1Mb / 19P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
More results

Similar Description - MP2144

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
   5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
   4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
   2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
   5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
   5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com