Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2130 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2130
Description  High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2130 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2130 Datasheet HTML 1Page - Monolithic Power Systems MP2130 Datasheet HTML 2Page - Monolithic Power Systems MP2130 Datasheet HTML 3Page - Monolithic Power Systems MP2130 Datasheet HTML 4Page - Monolithic Power Systems MP2130 Datasheet HTML 5Page - Monolithic Power Systems MP2130 Datasheet HTML 6Page - Monolithic Power Systems MP2130 Datasheet HTML 7Page - Monolithic Power Systems MP2130 Datasheet HTML 8Page - Monolithic Power Systems MP2130 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2130 – HIGH EFFICIENCY, 3.5A, 6V, 1.2MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2130 Rev. 1.23
www.MonolithicPower.com
2
11/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature
MP2130DG
QFN12 (2x2mm)
AB
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2130DG–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP2130DG–LF–Z)
PACKAGE REFERENCE
TOP VIEW
PVIN
SW
PGND
AGND
1
2
3
4
PG
EN
FB
OUT
9
8
7
6
5
10
NC
VIN
SW
PGND
11
12
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ...................................... 6.5V
VSW........................ (-3V for <8ns) to (VIN + 0.3V)
All Other Pins ...............................-0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................. 1.6W
Junction Temperature ...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.7V to 6V
Output Voltage VOUT........................0.6V to 5.5V
Maximum Junction Temp. (TJ) .............. +125°C
Thermal Resistance
(4)
θJA
θJC
QFN12 (2x2mm) .....................80 ...... 16 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - MP2130

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2131GG MPS-MP2131GG Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2131GG MPS-MP2131GG Datasheet
490Kb / 6P
   4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
MP2136 MPS-MP2136 Datasheet
868Kb / 11P
   2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
MP2136EG MPS-MP2136EG Datasheet
868Kb / 11P
   2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
More results

Similar Description - MP2130

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5753A RICHTEK-RT5753A Datasheet
972Kb / 28P
   3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
logo
Monolithic Power System...
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
   2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
   2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
   6V 6.0A 1.2MHz Synchronous Step-Down Regulator
logo
Monolithic Power System...
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MP9459 MPS-MP9459 Datasheet
1Mb / 19P
   17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
Rev. 1.0 1/13/2020
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
   Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
logo
Texas Instruments
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com