Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3739 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SC3739
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC3739 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC3739 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2. 80¡ À0. 05
1. 60¡ À0. 05
2SC3739 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.2
W (Tamb=25
℃)
Collector current
ICM:
0.5
A
Collector-base voltage
V(BR)CBO:
60
V
Operating and storage junction temperature range
TJ,Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100
µA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 1mA, IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
5.0
V
Collector cut-off current
ICBO
VCB=40 V , IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 4.0V , IC=0
0.1
µA
DC current gain
hFE(1)
VCE= 1.0V, IC= 150mA
75
150
300
DC current gain
hFE(2)
VCE=2.0V, IC=500mA
20
75
Collector-emitter saturation voltage
VCE(sat)
IC=500 mA, IB= 50mA
0.25
0.75
V
Base-emitter voltage
VBE(sat)
IC=500mA, VCE=50V
1.0
1.2
V
Transition frequency
fT
VCE=10V, IC= 20mA
200
400
MHz
Ouput Capacitance
Cob
VCB=10V,IE=20mA
3.5
8.0
pF
Turn-on Time
ton
35
ns
Storage Time
tstg
225
ns
Turn-on Time
Toff
VCC=30V
IC=150mA
IB1=-IB2=15mA
275
ns
CLASSIFICATION OF hFE(1)
Marking
B12
B13
B14
Range
75-150
100-200
150-300
SOT-23-3L
1. EMITTER
2. BASE
3. COLLECTOR
2SC3739
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 2SC3739

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3739 NEC-2SC3739 Datasheet
240Kb / 6P
   HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SC3739 KEXIN-2SC3739 Datasheet
38Kb / 1P
   NPN Silicon Epitaxia
logo
Renesas Technology Corp
2SC3739 RENESAS-2SC3739 Datasheet
368Kb / 8P
   Old Company Name in Catalogs and Other Documents
logo
Guangdong Kexin Industr...
2SC3739-3 KEXIN-2SC3739-3 Datasheet
2Mb / 3P
   NPN Transistors
2SC3739-B12 KEXIN-2SC3739-B12 Datasheet
2Mb / 3P
   NPN Transistors
More results

Similar Description - 2SC3739

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com