Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-23 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # SOT-23
Description  Low current(100mA)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SOT-23 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SOT-23 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
BCW31
FEATURES
* Low current(100mA)
* Low voltage(32V)
* General purpose swithching and amplification
ABSOLUTE MAXIMUM RATINGS at Ta=25
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Vcbo
32
V
Collector-Emitter Voltage
Vceo
32
V
Emitter-Base Voltage
Veb
5
V
Collector Current
Ic
100
mA
Collector Dissipation Ta=25
*
PD
250
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-65-150
1.GATE
2.SO URCER
3.DRAIE
1.
1.3
2.4
Unit :mm
ELECTRICAL CHARACTERISTICS at Ta=25
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVcbo
32
V
Ic=100uA Ie=0
Collector-Emitter
Breakdown
Voltage#
BVceo
32
V
Ic= 2mA Ib=0
Emitter-Base Breakdown Voltage
BVebo
5
V
Ie= 100uA Ic=0
Collector Cutoff Current
Icbo
100
10
nA
uA
Vcb= 32V Ie=0
Vcb=32V Ie=0 Tj=100
Emitter Cutoff Current
Iebo
100
nA
Veb=5V Ic=0
Base-Emitter Voltage
Vbe
550
700
mV
Ic=2mA Vce=5V
Collector Capacitance
Cob
2.5
pF
Ie=0 Vcb=10V
f=1MHz
190
Vce= 5V Ic= 10uA
DC Current Gain
Hfe
110
220
Vce= 5V Ic= 2mA
Collector-Emitter Saturation Voltage
Vce(sat)
120
210
250
mV
Ic= 10mA Ib= 0.5mA
Ic=50mA
Ib=2.5mA
Base-Emitter Saturation Voltage
Vbe(sat)
750
850
mV
Ic= 10mA Ib= 0.5mA
Ic=50mA Ib=2.5mA
Transition Frequency
fT
100
MHz
Vce=5V Ic=10mA
f=100MHz
Noise figure
F
10
dB
Ic=200uA Vce=5V Rs=2k
F=1kHz B=200Hz
*
Total Device Dissipation : FR=1X0.75X0.062in Board,Derate 25
.
#
Pulse Test : Pulse Width
300uS,Duty cycle
2%
DEVICE MARKING:
BCW31=D1t
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - SOT-23

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SOT-23 MOTOROLA-SOT-23 Datasheet
258Kb / 20P
   Zener Voltage Regulator Didoes
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
98Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Shenzhen Luguang Electr...
SOT-23 LUGUANG-SOT-23 Datasheet
219Kb / 2P
   Surface Mount Switching Diode
logo
KEC(Korea Electronics)
SOT-23 KEC-SOT-23 Datasheet
354Kb / 1P
   PACKAGE DIMENSION
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
150Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - SOT-23

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
BC856A LEIDITECH-BC856A Datasheet
679Kb / 4P
   Low current.(max.100mA)
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
   100mA Ultra-Low Quiescent Current Low Dropout Regulator
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
   60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
logo
New Japan Radio
NJW4182-H NJRC-NJW4182-H Datasheet
478Kb / 15P
   nullHigh Voltage Ultra Low Current Consumption IO=100mA LDO
Ver.1.3
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
NJW4182 NJRC-NJW4182 Datasheet
277Kb / 11P
   High Voltage Ultra low current consumption Io=100mA LDO
Ver.2014-09-29
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com