Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX1515M-51S-7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FX1515M-51S-7
Description  1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FX1515M-51S-7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FX1515M-51S-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers FX1515M-51S-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers FX1515M-51S-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers FX1515M-51S-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers FX1515M-51S-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers FX1515M-51S-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers FX1515M-51S-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers FX1515M-51S-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers FX1515M-51S-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
B275
FX15 Seriesq1mm Pitch Cable-to-Board Connectors supporting LVDS signal
sFX15 Series – Mating Diagram
Crimp contact
Crimp contact
(FX15-3032-PCFB)
Crimp contact
(FX15-2830-PCFB)
Plugs
Receptacles
Without shields
(FX15M-P-C)
Right angle, with shields
–enhanced shielding
(FX15S-S-0.5SH)
With shields – enhanced shielding
(FX15S-P-C)
Right angle, without shields
(FX15M-S-0.5SH)
With shields – enhanced shielding
PCB mouting pattern : VESA standard
(FX15SC-S-0.5SH)
With shields – enhanced shielding
PCB mouting pattern : VESA standard
(FX15SC-S-0.5SV)
With shields – enhanced shielding
AWG#28 to 30
(FX15SW-31P-C)
Micro-coaxial cable
(FX15S-P-0.5SD)
With shields-standard
(FX15-31P-C)
Vertical, with shields
(FX15-31S-0.5SV)
Ground plate
(FX15S-P-GND)
Ragarding the availability of the positions, contact your nearest Hirose representative.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX1515M-51S-7

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
FX15-2830PCFB HIROSE-FX15-2830PCFB Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15-2830PCFB HIROSE-FX15-2830PCFB Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
FX15-3032PCFA HIROSE-FX15-3032PCFA Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15-3032PCFB HIROSE-FX15-3032PCFB Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX1515M-51S-7

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com