Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP59151MN50TYG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP59151MN50TYG
Description  1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP59151MN50TYG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP59151MN50TYG Datasheet HTML 4Page - ON Semiconductor NCP59151MN50TYG Datasheet HTML 5Page - ON Semiconductor NCP59151MN50TYG Datasheet HTML 6Page - ON Semiconductor NCP59151MN50TYG Datasheet HTML 7Page - ON Semiconductor NCP59151MN50TYG Datasheet HTML 8Page - ON Semiconductor NCP59151MN50TYG Datasheet HTML 9Page - ON Semiconductor NCP59151MN50TYG Datasheet HTML 10Page - ON Semiconductor NCP59151MN50TYG Datasheet HTML 11Page - ON Semiconductor NCP59151MN50TYG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP59150, NCV59150 Series
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 21. Line Transient Response
Figure 22. Load Transient Response
APPLICATIONS INFORMATION
Output Capacitor and Stability
The NCP59150 series requires an output capacitor for
stable operation. The NCP59150 series is designed to
operate with ceramic output capacitors. The recommended
output capacitance value is 47
mF or greater. Such capacitors
help to improve transient response and noise reduction at
high frequency.
Input Capacitor
An input capacitor of 1.0
mF or greater is recommended
when the device is more than 4 inches away from the bulk
supply capacitance, or when the supply is a battery. Small,
surface−mount chip capacitors can be used for the
bypassing. The capacitor should be place within 1 inch of
the device for optimal performance. Larger values will help
to improve ripple rejection by bypassing the input of the
regulator, further improving the integrity of the output
voltage.
Minimum Load Current
The NCP59150 regulator is specified between finite
loads. A 5 mA minimum load current is necessary for proper
operation.
Error Flag
Some NCP59150 series members feature an error flag
circuit that monitors the output voltage and signals an error
condition when the voltage is 5% below the nominal output
voltage. The error flag is an open−collector output that can
sink up to 5 mA typically during a VOUT fault condition.
The FLG output is overload protected when a short circuit
of the pullup load resistor occurs in the application. This is
guaranteed in the full range of FLG output voltage Max
ratings (see Max Ratings table). Please be aware operation in
this mode is not recommended, power dissipated in the device
can impact on output voltage precision and other device
characteristics.
Enable Input
Some NCP59150 series members also feature an enable
input for on/off control of the device. It’s shutdown state
draws “zero” current from input voltage supply (only
microamperes of leakage). The enable input is TTL/CMOS
compatible for simple logic interface, but can be connected
up to VIN.
Overcurrent and Reverse Output Current Protection
The NCP59150 regulator is fully protected from damage
due to output current overload and output short conditions.
When NCP59150 output is overloaded, Output Current
limiting is provided. This limiting is linear; output current
during overload or output short conditions is constant. These
features are advantageous for powering FPGAs and other
ICs having current consumption higher than nominal during
their startup.
Thermal shutdown disables the NCP59150 device when
the die temperature exceeds the maximum safe operating
temperature.
When NCP59150 is disabled and (VOUT – VIN) voltage
difference is less than 6.5 V in the application, the output
structure of these regulators is able to withstand output
voltage (backup battery as example) to be applied without
reverse current flow. Of course the additional current
flowing through the feedback resistor divider inside the
Fixed Voltage devices (30
mA typically at nominal output
voltage) needs to be included in the backup battery
discharging calculations.
Adjustable Voltage Design
The NCP/NCV59152 Adjustable voltage Device Output
voltage is set by the ratio of two external resistors as shown
in Figure 23.
The device maintains the voltage at the ADJ pin at 1.24 V
referenced to ground. The current in R2 is then equal to


Similar Part No. - NCP59151MN50TYG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59151MN50TYG ONSEMI-NCP59151MN50TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN50TYG ONSEMI-NCP59151MN50TYG Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
More results

Similar Description - NCP59151MN50TYG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com