Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX1515SC-31S-5SV Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FX1515SC-31S-5SV
Description  1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FX1515SC-31S-5SV Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FX1515SC-31S-5SV Datasheet HTML 3Page - List of Unclassifed Manufacturers FX1515SC-31S-5SV Datasheet HTML 4Page - List of Unclassifed Manufacturers FX1515SC-31S-5SV Datasheet HTML 5Page - List of Unclassifed Manufacturers FX1515SC-31S-5SV Datasheet HTML 6Page - List of Unclassifed Manufacturers FX1515SC-31S-5SV Datasheet HTML 7Page - List of Unclassifed Manufacturers FX1515SC-31S-5SV Datasheet HTML 8Page - List of Unclassifed Manufacturers FX1515SC-31S-5SV Datasheet HTML 9Page - List of Unclassifed Manufacturers FX1515SC-31S-5SV Datasheet HTML 10Page - List of Unclassifed Manufacturers FX1515SC-31S-5SV Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
B279
FX15 Seriesq1mm Pitch Cable-to-Board Connectors supporting LVDS signal
A
C±0.15
D±0.15
P=0.5±0.1
2.7±0.15
No.1
No.n
No.1
No.2
No.n
No.n-1
3.5±0.3
(A)
B±0.3
Polarizing mark
indicator
qPlug – Micro-coaxial cable (FX15SC-**P-0.5SD)
31.9
36.9
29.6
34.6
27.57
32.57
20
25
YES
A
B
C
D
RoHS
Part number
FX15S-41P-0.5SD
FX15S-51P-0.5SD
CL575-2110-3
CL575-2118-5
41
51
CL No.
Number of contacts
Note 1: Packaged in trays.
Note 2: Dimensions in parenthesis ( ) are reference dimensions.
A±0.2
B±0.2
2.2±0.2
1.55±0.2
qGround plate for micro-coaxial cable
Note 1: Packaged in trays.
Note 2: Dimensions in parenthesis ( ) are reference dimensions.
29.2
34.2
30.06
35.06
YES
A
B
RoHS
Part number
FX15S-41P-GND
FX15S-51P-GND
CL575-2111-6
CL575-2117-2
41
51
CL No.
Number of contacts
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX1515SC-31S-5SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
FX15-2830PCFB HIROSE-FX15-2830PCFB Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15-2830PCFB HIROSE-FX15-2830PCFB Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
FX15-3032PCFA HIROSE-FX15-3032PCFA Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15-3032PCFB HIROSE-FX15-3032PCFB Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX1515SC-31S-5SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com