Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4979DTR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4979DTR-E
Description  Low drop voltage regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979DTR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4979DTR-E Datasheet HTML 5Page - STMicroelectronics L4979DTR-E Datasheet HTML 6Page - STMicroelectronics L4979DTR-E Datasheet HTML 7Page - STMicroelectronics L4979DTR-E Datasheet HTML 8Page - STMicroelectronics L4979DTR-E Datasheet HTML 9Page - STMicroelectronics L4979DTR-E Datasheet HTML 10Page - STMicroelectronics L4979DTR-E Datasheet HTML 11Page - STMicroelectronics L4979DTR-E Datasheet HTML 12Page - STMicroelectronics L4979DTR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
L4979D, L4979MD
Electrical specifications
Doc ID 10262 Rev 9
9/22
Res
R_p_u
Internal pull-up
resistance
With respect to Vo
12
25
50
k
Res
Vo_th
Reset threshold voltage
Vs = 5.6 to 31 V
Io = 1 to 150 mA
6%
below
Vo_ref
8%
below
Vo_ref
10%
below
Vo_ref
Vcr
Vrhth
Reset timing high
threshold
Vs = 13.5 V
44%
Vo_ref
47%
Vo_ref
50%
Vo_ref
Vcr
Vrlth
Reset timing low
threshold
Vs = 13.5 V
10%
Vo_ref
13%
Vo_ref
16%
Vo_ref
Vcr
Icr
Charge current
Vs = 13.5 V
8
17
30
µA
Vcr
Idr
Discharge current
Vs = 13.5 V
8
17
30
µA
Res
trr_2
Reset delay time(1)
Vo =Vo_th - 100 mV
100
250
700
µs
Res
trd
Reset pulse delay
Vs = 13.5 V; Ctr = 1 nF
65
150
ms
1.
When Vo becomes lower than 4 V, the reset reaction time decreases down to 2 µs assuring a faster reset
condition in this particular case.
Table 8.
Watchdog
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Wi
Vih
Input high voltage
Vs = 13.5 V
3.5
V
Wi
Vil
Input low voltage
Vs = 13.5 V
1.5
V
Wi
Vih
Input hysteresis
Vs = 13.5 V
300
mV
Wi
Ii
Pull down current
Vs = 13.5 V
10
20
µA
Vcw
Vwhth
High threshold
Vs = 13.5 V
2.20
2.35
2.50
V
Vcw
Vwlth
Low threshold
Vs = 13.5 V
0.50
0.65
0.80
V
Vcw
Icwc
Charge current
Vs = 13.5 V; Vcw = 0.1 V
4
7.5
14
µA
Vcw
Icwd
Discharge current
Vs = 13.5 V; Vcw = 2.5 V
1.0
2.4
4.5
µA
Vcw
Twop
Watchdog period
Vs = 13.5 V;
Ctw =47nF
25
50
90
ms
Res
twol
Watchdog output low
time
Vs = 13.5 V;
Ctw =47nF
6
10
22
ms
Table 9.
Enable
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
En
Ven_l
Enable input low voltage
1
V
En
Ven_h
Enable input high
voltage
3
V
En
Ven_hy
Enable input hysteresis
700
1000
1100
mV
En
I_leak
Pull down current
En = 5 V
2
10
20
µA
Table 7.
Reset (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit


Similar Part No. - L4979DTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979D-E STMICROELECTRONICS-L4979D-E Datasheet
1Mb / 22P
   for car body applications
L4979D013TR STMICROELECTRONICS-L4979D013TR Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979D13TR STMICROELECTRONICS-L4979D13TR Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results

Similar Description - L4979DTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com