Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3410YMF Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3410YMF
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3410YMF Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3410YMF Datasheet HTML 7Page - Texas Instruments LM3410YMF Datasheet HTML 8Page - Texas Instruments LM3410YMF Datasheet HTML 9Page - Texas Instruments LM3410YMF Datasheet HTML 10Page - Texas Instruments LM3410YMF Datasheet HTML 11Page - Texas Instruments LM3410YMF Datasheet HTML 12Page - Texas Instruments LM3410YMF Datasheet HTML 13Page - Texas Instruments LM3410YMF Datasheet HTML 14Page - Texas Instruments LM3410YMF Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
VOUT - KVIN
D =
VOUT
VOUT x ILED
K =
VIN x IIN
K
VOUT
VIN
=
VOUT - VIN
D =
VOUT
1 - D
1
1
=
c
D
=
VOUT
VIN
¨
©
§
¸
¹
·
=
2'iL
DTS
'i
L =
¨¨
©
§
L
VIN
¸¸
¹
·
¨¨
©
§
2L
VIN
¸¸
¹
·
x DTS
t
L
i
L
i
'
S
T
S
DT
( )
t
L
I
L
VIN
L
V
V
OUT
IN -
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
Figure 17. Inductor Current
(3)
The Duty Cycle (D) for a Boost converter can be approximated by using the ratio of output voltage (VOUT) to input
voltage (VIN).
(4)
Therefore:
(5)
Power losses due to the diode (D1) forward voltage drop, the voltage drop across the internal NMOS switch, the
voltage drop across the inductor resistance (RDCR) and switching losses must be included to calculate a more
accurate duty cycle (See Calculating Efficiency and Junction Temperature for a detailed explanation). A more
accurate formula for calculating the conversion ratio is:
Where
η equals the efficiency of the LM3410 application.
(6)
Or:
(7)
Therefore:
(8)
Inductor ripple in a LED driver circuit can be greater than what would normally be allowed in a voltage regulator
Boost and Sepic design. A good design practice is to allow the inductor to produce 20% to 50% ripple of
maximum load. The increased ripple shouldn’t be a problem when illuminating LEDs.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3410 LM3410Q


Similar Part No. - LM3410YMF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3410YMF NSC-LM3410YMF Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410YMF NSC-LM3410YMF Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410YMF/NOPB TI1-LM3410YMF/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410YMFE/NOPB TI1-LM3410YMFE/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410YMFX NSC-LM3410YMFX Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
More results

Similar Description - LM3410YMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
LM3405AXMY TI-LM3405AXMY Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com