Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2825N-ADJ Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2825N-ADJ
Description  LM2825 Integrated Power Supply 1A DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2825N-ADJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2825N-ADJ Datasheet HTML 6Page - Texas Instruments LM2825N-ADJ Datasheet HTML 7Page - Texas Instruments LM2825N-ADJ Datasheet HTML 8Page - Texas Instruments LM2825N-ADJ Datasheet HTML 9Page - Texas Instruments LM2825N-ADJ Datasheet HTML 10Page - Texas Instruments LM2825N-ADJ Datasheet HTML 11Page - Texas Instruments LM2825N-ADJ Datasheet HTML 12Page - Texas Instruments LM2825N-ADJ Datasheet HTML 13Page - Texas Instruments LM2825N-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LM2825
SNVS127C – MAY 1997 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
PROGRAMMING OUTPUT VOLTAGE
(Selecting R1 and R2 as shown in Figure 18)
The LM2825 is available in two adjustable output versions. The LM2825-ADJ has been optimized for output
voltages between 1.23V and 8V, while the LM2825H-ADJ covers the output voltage range of 7V to 15V. Both
adjustable versions are set in the following way.
(1)
Select a value for R1 between 240
Ω and 1.5 kΩ. The lower resistor values minimize noise pickup at the sensitive
adjust pin. (For lowest temperature coefficient and the best stability with time, use 1% metal film resistors.)
Select R2 with the following equation.
(2)
When programming VOUT, keep in mind that VIN must be greater than VOUT + 2V for proper operation.
OPTIONAL EXTERNAL COMPONENTS
SOFT-START CAPACITOR
CSS: A capacitor on this pin provides the regulator with a Soft-start feature (slow start-up). The current drawn
from the source starts out at a low average level with narrow pulses, and ramps up in a controlled manner as the
pulses expand to their steady-state width. This reduces the startup current considerably, and delays and slows
down the output voltage rise time.
It is especially useful in situations where the input power source is limited in the amount of current it can deliver,
since you avoid loading down this type of power supply.
Under some operating conditions, a Soft-start capacitor is required for proper operation. Figure 19 indicates the
input voltage and ambient temperature conditions for which a Soft-start capacitor may be required.
This curve is typical for full ensured output current and can be used as a guideline. As the output current
decreases, the operating area requiring a Soft-start capacitor decreases. Capacitor values between 0.1
μF and 1
μF are recommended. Tantalum or ceramic capacitors are appropriate for this application.
INPUT CAPACITOR
CIN: An optional input capacitor is required if the package is more than 6″ away from the main filter or bypass
capacitor. A low ESR aluminum or tantalum bypass capacitor is recommended between the input pin and ground
to prevent large voltage transients from appearing at the input. In addition, to be conservative, the RMS current
rating of the input capacitor should be selected to be at least ½ the DC load current. With a 1A load, a capacitor
with a RMS current rating of at least 500 mA is recommended.
The voltage rating should be approximately 1.25 times the maximum input voltage. With a nominal input voltage
of 12V, an aluminum electrolytic capacitor (Panasonic HFQ series or Nichicon PL series or equivalent) with a
voltage rating greater than 15V (1.25 × VIN) would be needed.
Solid tantalum input capacitors should only be used where the input source is impedance current limited. High
dV/dt applied at the input can cause excessive charge current through low ESR tantalum capacitors. This high
charge current can result in shorting within the capacitor. It is recommended that they be surge current tested by
the manufacturer.The TPS series available from AVX, and the 593D series from Sprague are both surge current
tested.
Use caution when using ceramic capacitors for input bypassing, because it may cause ringing at the VIN pin.
10
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LM2825


Similar Part No. - LM2825N-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2825N-ADJ NSC-LM2825N-ADJ Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Texas Instruments
LM2825N-ADJ/NOPB TI1-LM2825N-ADJ/NOPB Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
More results

Similar Description - LM2825N-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
logo
National Semiconductor ...
LM2825 NSC-LM2825 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Monolithic Power System...
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
   4.5V - 24V Input, 1A, DC/DC Power Supply
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
TEMIC Semiconductors
U6229B TEMIC-U6229B Datasheet
100Kb / 8P
   DC/DC Converter - Power Supply 28 V
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
   1A STEP-DOWN DC-DC CONVERTER
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com