Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2597MX-12 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2597MX-12
Description  LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2597MX-12 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2597MX-12 Datasheet HTML 7Page - Texas Instruments LM2597MX-12 Datasheet HTML 8Page - Texas Instruments LM2597MX-12 Datasheet HTML 9Page - Texas Instruments LM2597MX-12 Datasheet HTML 10Page - Texas Instruments LM2597MX-12 Datasheet HTML 11Page - Texas Instruments LM2597MX-12 Datasheet HTML 12Page - Texas Instruments LM2597MX-12 Datasheet HTML 13Page - Texas Instruments LM2597MX-12 Datasheet HTML 14Page - Texas Instruments LM2597MX-12 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LM2597, LM2597HV
www.ti.com
SNVS119C – MARCH 1998 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Continuous Mode Switching Waveforms
Discontinuous Mode Switching Waveforms
VIN = 20V, VOUT = 5V, ILOAD = 400 mA
VIN = 20V, VOUT = 5V, ILOAD = 200 mA
L = 100
μH, COUT = 120 μF, COUT ESR = 140 mΩ
L = 33
μH, COUT = 220 μF, COUT ESR = 60 mΩ
A: Output Pin Voltage, 10V/div.
A: Output Pin Voltage, 10V/div.
B: Inductor Current 0.2A/div.
B: Inductor Current 0.2A/div.
C: Output Ripple Voltage, 20 mV/div.
C: Output Ripple Voltage, 20 mV/div.
Figure 22. Horizontal Time Base: 2
μs/div.
Figure 23. Horizontal Time Base: 2
μs/div.
Load Transient Response for Continuous Mode
Load Transient Response for Discontinuous Mode
VIN = 20V, VOUT = 5V, ILOAD = 200 mA to 500 mA
VIN = 20V, VOUT = 5V, ILOAD = 100 mA to 200 mA
L = 100
μH, COUT = 120 μF, COUT ESR = 140 mΩ
L = 33
μH, COUT = 220 μF, COUT ESR = 60 mΩ
A: Output Voltage, 50 mV/div. (AC)
A: Output Voltage, 50 mV/div. (AC)
B: 100 mA to 200 mA Load Pulse
B: 200 mA to 500 mA Load Pulse
Figure 24. Horizontal Time Base: 50
μs/div.
Figure 25. Horizontal Time Base: 200
μs/div.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2597 LM2597HV


Similar Part No. - LM2597MX-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2597MX-12 TI-LM2597MX-12 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
LM2597MX-12/NOPB TI1-LM2597MX-12/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2597MX-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2597HVM-33 TI-LM2597HVM-33 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598 Datasheet
2Mb / 47P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com