Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2597M-3.3 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2597M-3.3
Description  LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2597M-3.3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2597M-3.3 Datasheet HTML 2Page - Texas Instruments LM2597M-3.3 Datasheet HTML 3Page - Texas Instruments LM2597M-3.3 Datasheet HTML 4Page - Texas Instruments LM2597M-3.3 Datasheet HTML 5Page - Texas Instruments LM2597M-3.3 Datasheet HTML 6Page - Texas Instruments LM2597M-3.3 Datasheet HTML 7Page - Texas Instruments LM2597M-3.3 Datasheet HTML 8Page - Texas Instruments LM2597M-3.3 Datasheet HTML 9Page - Texas Instruments LM2597M-3.3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LM2597, LM2597HV
SNVS119C – MARCH 1998 – REVISED APRIL 2013
www.ti.com
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the
12V version. ILOAD = 100 mA.
Symbol
Parameter
Conditions
LM2597/LM2597HV-XX
Units
(Limits)
Typ (1)
Limit (2)
DEVICE PARAMETERS
Ib
Feedback Bias Current
Adjustable Version Only, VFB = 1.235V
10
50/100
nA
fO
Oscillator Frequency
See (3)
150
kHz
127/110
kHz(min)
173/173
kHz(max)
VSAT
Saturation Voltage
IOUT = 0.5A
(4) (5)
0.9
V
1.1/1.2
V(max)
DC
Max Duty Cycle (ON)
See (5)
100
%
Min Duty Cycle (OFF)
See (6)
0
ICL
Current Limit
Peak Current (4)(5)
0.8
A
0.65/0.58
A(min)
1.3/1.4
A(max)
IL
Output Leakage Current
Output = 0V (4)(6)(7)
50
μA(max)
Output =
−1V
2
mA
15
mA(max)
IQ
Operating Quiescent
SD /SS Pin Open, VBS Pin Open
(6)
5
mA
Current
10
mA(max)
ISTBY
Standby Quiescent
SD /SS pin = 0V (6) LM2597
85
μA
Current
200/250
μA(max)
LM2597HV
140
250/300
μA(max)
θJA
Thermal Resistance
P Package, Junction to Ambient (8)
95
°C/W
D Package, Junction to Ambient (8)
150
SHUTDOWN/SOFT-START CONTROL Test Circuit of Figure 31
VSD
Shutdown Threshold
1.3
V
Voltage
Low, (Shutdown Mode)
0.6
V(max)
High, (Soft-start Mode)
2
V(min)
VSS
Soft-start Voltage
VOUT = 20% of Nominal Output Voltage
2
V
VOUT = 100% of Nominal Output Voltage
3
ISD
Shutdown Current
VSHUTDOWN = 0.5V
5
μA
10
μA(max)
ISS
Soft-start Current
VSoft-start = 2.5V
1.6
μA
5
μA(max)
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the
severity of current overload.
(4)
No diode, inductor or capacitor connected to output pin.
(5)
Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
(6)
Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the ADJ. version, and 15V for the 12V version, to force
the output transistor switch OFF.
(7)
VIN = 40V for the LM2597 and 60V for the LM2597HV.
(8)
Junction to ambient thermal resistance with approximately 1 square inch of printed circuit board copper surrounding the leads. Additional
copper area will lower thermal resistance further. See application hints in this data sheet and the thermal model in Switchers Made
Simple software.
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2597 LM2597HV


Similar Part No. - LM2597M-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2597M-3.3 NSC-LM2597M-3.3 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597M-3.3 TI-LM2597M-3.3 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
LM2597M-3.3/NOPB TI1-LM2597M-3.3/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2597M-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2597HVM-33 TI-LM2597HVM-33 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598 Datasheet
2Mb / 47P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com