Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2621 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2621
Description  LM2621 Low Input Voltage, Step-Up DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2621 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2621 Datasheet HTML 3Page - Texas Instruments LM2621 Datasheet HTML 4Page - Texas Instruments LM2621 Datasheet HTML 5Page - Texas Instruments LM2621 Datasheet HTML 6Page - Texas Instruments LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments LM2621 Datasheet HTML 10Page - Texas Instruments LM2621 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM2621
www.ti.com
SNVS033C – MAY 2004 – REVISED MARCH 2005
Because of this type of control scheme, the quiescent current is inherently very low. At light loads the gated
oscillator control scheme offers a much higher efficiency compared to the conventional PWM control scheme.
Figure 14. Typical Step-Up Regulator Waveforms
LOW VOLTAGE START-UP
The LM2621 can start-up from input voltages as low as 1.1V. On start-up, the control circuitry switches the N-
channel MOSFET continuously at 70% duty cycle until the output voltage reaches 2.5V. After this output voltage
is reached, the normal step-up regulator feedback and gated oscillator control scheme take over. Once the
device is in regulation it can operate down to a 0.65V input, since the internal power for the IC can be boot-
strapped from the output using the VDD pin.
SHUTDOWN
The LM2621 features a shutdown mode that reduces the quiescent current to less than a ensured 2.5µA over
temperature. This extends the life of the battery in battery powered applications. During shutdown, all feedback
and control circuitry is turned off. The regulator's output voltage drops to one diode drop below the input voltage.
Entry into the shutdown mode is controlled by the active-low logic input pin EN (Pin 2). When the logic input to
this pin pulled below 0.15VDD, the device goes into shutdown mode. The logic input to this pin should be above
0.7VDD for the device to work in normal step-up mode.
OUTPUT VOLTAGE RIPPLE FREQUENCY
A major component of the output voltage ripple is due to the hysteresis used in the gated oscillator control
scheme. The frequency of this voltage ripple is proportional to the load current. The frequency of this ripple does
not necessitate the use of larger inductors and capacitors however, since the size of these components is
determined by the switching frequency of the oscillator which can be set upto 2MHz using an external resistor.
INTERNAL CURRENT LIMIT AND THERMAL PROTECTION
An internal cycle-by-cycle current limit serves as a protection feature. This is set high enough (2.85A typical,
approximately 4A maximum) so as not to come into effect during normal operating conditions. An internal thermal
protection circuitry disables the MOSFET power switch when the junction temperature (TJ) exceeds about 160°C.
The switch is re-enabled when TJ drops below approximately 135°C.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2621


Similar Part No. - LM2621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
logo
National Semiconductor ...
LM2621MM NSC-LM2621MM Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
More results

Similar Description - LM2621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com