Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6B259KA Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A6B259KA
Description  8-BIT ADDRESSABLE DMOS POWER DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6B259KA Datasheet(HTML) 1 Page - Allegro MicroSystems

  A6B259KA Datasheet HTML 1Page - Allegro MicroSystems A6B259KA Datasheet HTML 2Page - Allegro MicroSystems A6B259KA Datasheet HTML 3Page - Allegro MicroSystems A6B259KA Datasheet HTML 4Page - Allegro MicroSystems A6B259KA Datasheet HTML 5Page - Allegro MicroSystems A6B259KA Datasheet HTML 6Page - Allegro MicroSystems A6B259KA Datasheet HTML 7Page - Allegro MicroSystems A6B259KA Datasheet HTML 8Page - Allegro MicroSystems A6B259KA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8-BIT ADDRESSABLE
DMOS POWER DRIVER
The A6B259KA and A6B259KLW combine a 3-to-8 line CMOS
decoder and accompanying data latches, control circuitry, and DMOS
outputs in a multi-functional power driver capable of storing single-line
data in the addressable latches or use as a decoder or demuliplexer.
Driver applications include relays, solenoids, and other medium-
current or high-voltage peripheral power loads.
The CMOS inputs and latches allow direct interfacing with micro-
processor-based systems. Use with TTL may require appropriate pull-
up resistors to ensure an input logic high. Four modes of operation are
selectable with the CLEAR and ENABLE inputs.
The A6B259KA/KLW DMOS open-drain outputs are capable of
sinking up to 500 mA. Similar devices with reduced rDS(on) are avail-
able as the A6259KA/KLW.
The A6B259KA is furnished in a 20-pin dual in-line plastic
package. The A6B259KLW is furnished in a 20-lead wide-body,
small-outline plastic package (SOIC) with gull-wing leads for surface-
mount applications. Copper lead frames, reduced supply current
requirements, and low on-state resistance allow either device to sink
150 mA from all outputs continuously, to ambient temperatures greater
than 85
°C.
FEATURES
s 50 V Minimum Output Clamp Voltage
s 150 mA Output Current (all outputs simultaneously)
s 5
Ω Typical r
DS(on)
s Low Power Consumption
s Replacements for TPIC6B259N and TPIC6B259DW
6B259
ADVANCE INFORMATION
(Subject to change without notice)
January 24, 2000
Always order by complete part number:
Part Number
Package
RθJA
RθJC
A6B259KA
20-pin DIP
55
°C/W
25
°C/W
A6B259KLW
20-lead SOIC
70
°C/W
17
°C/W
LOGIC
GROUND
1
2
3
8
9
13
14
15
16
17
19
4
5
6
7
12
18
20
DATA
S
(LSB)
LOGIC
SUPPLY
VDD
POWER
GROUND
CLEAR
OUT7
OUT6
OUT5
Dwg. PP-050-1
OUT 0
OUT1
OUT 2
OUT 3
OUT 4
10
11
NO (INTERNAL)
CONNECTION
NO (INTERNAL)
CONNECTION
NC
NC
ENABLE
EN
POWER
GROUND
0
S1
S
(MSB)
2
Note that the A6B259KA (DIP) and the A6B259KLW
(SOIC) are electrically identical and share a common
terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
at TA = 25°C
Output Voltage, VO ............................... 50 V
Output Drain Current,
Continuous, IO .......................... 150 mA*
Peak, IOM ................................... 500 mA†
Single-Pulse Avalanche Energy,
EAS ................................................. 30 mJ
Logic Supply Voltage, VDD .................. 7.0 V
Input Voltage Range,
VI ................................... -0.3 V to +7.0 V
Package Power Dissipation,
PD ........................................... See Graph
Operating Temperature Range,
TA ................................. -40°C to +125°C
Storage Temperature Range,
TS ................................. -55°C to +150°C
* Each output, all outputs on.
† Pulse duration
≤ 100 µs, duty cycle ≤ 2%.
Caution: These CMOS devices have input static
protection (Class 3) but are still susceptible to damage if
exposed to extremely high static electrical charges.


Similar Part No. - A6B259KA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6B259KA ALLEGRO-A6B259KA Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
More results

Similar Description - A6B259KA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
6B273 ALLEGRO-6B273 Datasheet
129Kb / 12P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6273 ALLEGRO-6273 Datasheet
172Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com