Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM77CIMMX-3 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM77CIMMX-3
Description  LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM77CIMMX-3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM77CIMMX-3 Datasheet HTML 5Page - Texas Instruments LM77CIMMX-3 Datasheet HTML 6Page - Texas Instruments LM77CIMMX-3 Datasheet HTML 7Page - Texas Instruments LM77CIMMX-3 Datasheet HTML 8Page - Texas Instruments LM77CIMMX-3 Datasheet HTML 9Page - Texas Instruments LM77CIMMX-3 Datasheet HTML 10Page - Texas Instruments LM77CIMMX-3 Datasheet HTML 11Page - Texas Instruments LM77CIMMX-3 Datasheet HTML 12Page - Texas Instruments LM77CIMMX-3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM77
www.ti.com
SNIS103F – JUNE 1999 – REVISED MARCH 2013
Note: Event Interrupt mode is drawn as if the user is reading the part. If the user doesn't read, the outputs would go
low and stay that way until the LM77 is read.
Figure 7. Temperature Response Diagram
TEMPERATURE DATA FORMAT
Temperature data can be read from the Temperature and Set Point registers; and written to the Set Point
registers. Temperature data can be read at any time, although reading faster than the conversion time of the
LM77 will prevent data from being updated. Temperature data is represented by a 10-bit, two's complement word
with an LSB (Least Significant Bit) equal to 0.5°C:
Digital Output
Temperature
Binary
Hex
+130°C
01 0000 0100
104h
+125°C
00 1111 1010
0FAh
+25°C
00 0011 0010
032h
+0.5°C
00 0000 0001
001h
0°C
00 0000 0000
000h
−0.5°C
11 1111 1111
3FFh
−25°C
11 1100 1110
3CEh
−55°C
11 1001 0010
392h
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM77


Similar Part No. - LM77CIMMX-3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM77CIMMX-3 NSC-LM77CIMMX-3 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77CIMMX-3/NOPB TI1-LM77CIMMX-3/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   9-Bit Sign Digital Temperature Sensor
More results

Similar Description - LM77CIMMX-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM77 TI-LM77_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
National Semiconductor ...
LM77 NSC-LM77 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76 TI-LM76_15 Datasheet
1Mb / 22P
[Old version datasheet]   Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
[Old version datasheet]   Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
   짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
[Old version datasheet]   0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
[Old version datasheet]   LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com