Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7131CCDBQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7131CCDBQR
Description  4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7131CCDBQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7131CCDBQR Datasheet HTML 6Page - Texas Instruments ISO7131CCDBQR Datasheet HTML 7Page - Texas Instruments ISO7131CCDBQR Datasheet HTML 8Page - Texas Instruments ISO7131CCDBQR Datasheet HTML 9Page - Texas Instruments ISO7131CCDBQR Datasheet HTML 10Page - Texas Instruments ISO7131CCDBQR Datasheet HTML 11Page - Texas Instruments ISO7131CCDBQR Datasheet HTML 12Page - Texas Instruments ISO7131CCDBQR Datasheet HTML 13Page - Texas Instruments ISO7131CCDBQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Input
Generator
50
OUT
RL= 1 k
EN
VO
VI
IN
0V
CL
W
W
1%
±
NOTE A
NOTE
B
0 V
VO
VI
0.5 V
50%
Input
Generator
50
OUT
RL= 1 k
EN
VO
VI
IN
3V
CL
W
W
1%
±
NOTE A
NOTE
B
0 V
0 V
VI
50%
0.5 V
tPZH
VO
VOH
tPHZ
V
/2
CC
V
/2
CC
VCC
tPZL
VCC
V
/2
CC
VCC
tPLZ
VCC
V
/2
CC
VOL
IN
OUT
VO
C L
Input
Generator
50
V I
W
NOTE A
NOTE
B
10%
90%
50%
0 V
50%
VI
V
/2
CC
VO
tPLH
VOH
tPHL
tr
tf
VCC1
VOL
V
/2
CC
ISO7131CC, ISO7140CC, ISO7140FCC
ISO7141CC, ISO7141FCC
SLLSE83E – APRIL 2013 – REVISED SEPTEMBER 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50 Ω. At the input, a 50-Ω resistor is required to terminate the input-generator signal. It is not
needed in an actual application.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 1. Switching-Characteristics Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50 Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 2. Enable/Disable Propagation Delay-Time Test Circuit and Waveform
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC


Similar Part No. - ISO7131CCDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7131CCDBQR TI1-ISO7131CCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CCDBQR TI-ISO7131CCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
More results

Similar Description - ISO7131CCDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CCDBQ TI1-ISO7131CCDBQ Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7631FM TI1-ISO7631FM_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Power Triple and Quad-Channels Digital Isolators
ISO7631FM TI-ISO7631FM Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Triple and Quad Channels Digital Isolators
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7640FM TI1-ISO7640FM Datasheet
956Kb / 29P
[Old version datasheet]   Low Power Quad Channels Digital Isolators
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com