Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV019MDC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV019MDC
Description  DS90LV019 3.3V or 5V LVDS Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV019MDC Datasheet(HTML) 4 Page - Texas Instruments

  DS90LV019MDC Datasheet HTML 1Page - Texas Instruments DS90LV019MDC Datasheet HTML 2Page - Texas Instruments DS90LV019MDC Datasheet HTML 3Page - Texas Instruments DS90LV019MDC Datasheet HTML 4Page - Texas Instruments DS90LV019MDC Datasheet HTML 5Page - Texas Instruments DS90LV019MDC Datasheet HTML 6Page - Texas Instruments DS90LV019MDC Datasheet HTML 7Page - Texas Instruments DS90LV019MDC Datasheet HTML 8Page - Texas Instruments DS90LV019MDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DC Electrical Characteristics
T
A = −40˚C to +85˚C unless otherwise noted, VCC = 5.0 ± 0.5V. (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
V
OD
Output Differential Voltage
R
L = 100Ω (Figure 1)
DO+,
DO−
250
360
450
mV
∆V
OD
V
OD Magnitude Change
660
mV
V
OS
Offset Voltage
1
1.25
1.8
V
∆V
OS
Offset Magnitude Change
5
60
mV
I
OZD
TRI-STATE Leakage
V
OUT =VCC or GND, DE = 0V
−10
±1
+10
µA
I
OXD
Power-Off Leakage
V
OUT = 5.5V or GND, VCC = 0V
−10
±1
+10
µA
I
OSD
Output Short Circuit Current
V
OUT = 0V, DE = VCC
−10
−6
−4
mA
DIFFERENTIAL RECEIVER CHARACTERISTICS
V
OH
Voltage High
VID = +100 mV
I
OH = −400 µA
R
OUT
4.3
5.0
V
Inputs Open
4.3
5.0
V
V
OL
Voltage Output Low
I
OL = 2.0 mA, VID = −100 mV
0.1
0.4
V
I
OS
Output Short Circuit Current
V
OUT = 0V
−150
−75
−40
mA
V
TH
Input Threshold High
RI+,
RI−
+100
mV
V
TH
Input Threshold Low
−100
mV
I
IN
Input Current
V
IN = +2.4V or 0V, VCC = 5.5V or
0V
−15
±1
+15
µA
DEVICE CHARACTERISTICS
V
IH
Minimum Input High Voltage
D
IN,
DE ,RE
2.0
V
CC
V
V
IL
Maximum Input Low Voltage
GND
0.8
V
I
IH
Input High Current
V
IN =VCC or 2.4 V
±1
±10
µA
I
IL
Input Low Current
V
IN = GND or 0.4V
±1
±10
µA
V
CL
Input Diode Clamp Voltage
I
CLAMP = −18 mA
−1.5
−0.8
V
I
CCD
Power Supply Current
DE = RE = V
CC
V
CC
12
19
mA
I
CCR
DE=RE=0V
5.8
8
mA
I
CCZ
DE = 0V, RE = V
CC
4.5
8.5
mA
I
CC
DE=V
CC,RE=0V
18
48
mA
C
D output
Capacitance
DO+,
DO−
5pF
C
R input
Capacitance
RI+,
RI−
5pF
Note 1: “Absolute Maximum Ratings” are these beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should
be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
Note 3: All typicals are given for VCC = +3.3V or +5.0V and TA = +25˚C, unless otherwise stated.
Note 4: ESD Rating:
HBM (1.5 k
Ω, 100 pF) > 2.0 kV
EIAJ (0
Ω, 200 pF) > 200V.
Note 5: CL includes probe and fixture capacitance.
Note 6: Generator waveforms for all tests unless otherwise specified;f=1 MHz, ZO =50Ω,tr =tf ≤ 6.0 ns (0%–100%).
AC Electrical Characteristics
T
A = −40˚C to +85˚C, VCC = 3.3V ± 0.3V. (Note 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER TIMING REQUIREMENTS
t
PHLD
Differential Propagation Delay High to Low
R
L = 100Ω,
C
L =10pF
(
Figure 2 and Figure 3)
2.0
4.0
6.5
ns
t
PLHD
Differential Propagation Delay Low to High
1.0
5.6
7.0
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|
0.4
1.0
ns
t
TLH
Transition Time Low to High
0.2
0.7
3.0
ns
t
THL
Transition Time High to Low
0.2
0.8
3.0
ns
www.national.com
3


Similar Part No. - DS90LV019MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV019MDC TI-DS90LV019MDC Datasheet
177Kb / 12P
[Old version datasheet]   DS90LV019 3.3V or 5V LVDS Driver/Receiver
More results

Similar Description - DS90LV019MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV019TMTCX TI-DS90LV019TMTCX Datasheet
177Kb / 12P
[Old version datasheet]   DS90LV019 3.3V or 5V LVDS Driver/Receiver
logo
National Semiconductor ...
DS90LV019 NSC-DS90LV019 Datasheet
166Kb / 10P
   3.3V or 5V LVDS Driver/Receiver
logo
Maxim Integrated Produc...
MAX9164 MAXIM-MAX9164 Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com