Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV048ATMX Datasheet(PDF) 3 Page - Texas Instruments

Part # DS90LV048ATMX
Description  DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV048ATMX Datasheet(HTML) 3 Page - Texas Instruments

  DS90LV048ATMX Datasheet HTML 1Page - Texas Instruments DS90LV048ATMX Datasheet HTML 2Page - Texas Instruments DS90LV048ATMX Datasheet HTML 3Page - Texas Instruments DS90LV048ATMX Datasheet HTML 4Page - Texas Instruments DS90LV048ATMX Datasheet HTML 5Page - Texas Instruments DS90LV048ATMX Datasheet HTML 6Page - Texas Instruments DS90LV048ATMX Datasheet HTML 7Page - Texas Instruments DS90LV048ATMX Datasheet HTML 8Page - Texas Instruments DS90LV048ATMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS90LV048A
www.ti.com
SNLS045B – JULY 1999 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
−0.3V to +4V
Input Voltage (RIN+, RIN−)
−0.3V to 3.9V
Enable Input Voltage (EN, EN*)
−0.3V to (VCC + 0.3V)
Output Voltage (ROUT)
−0.3V to (VCC + 0.3V)
Maximum Package Power Dissipation @ +25°C
D0016A Package
1025 mW
PW0016A Package
866 mW
Derate D0016A Package
8.2 mW/°C above +25°C
Derate PW0016A Package
6.9 mW/°C above +25°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range Soldering
(4 sec.)
+260°C
Maximum Junction Temperature
+150°C
ESD Rating(3)
(HBM, 1.5 k
Ω, 100 pF)
≥ 10 kV
(EIAJ, 0
Ω, 200 pF)
≥ 1200 V
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be specified. They are not meant to imply
that the devices should be operated at these limits. ELECTRICAL CHARACTERISTICS specifies conditions of device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
ESD Rating:
HBM (1.5 k
Ω, 100 pF) ≥ 10kV
EIAJ (0
Ω, 200 pF) ≥ 1200V
RECOMMENDED OPERATING CONDITIONS
Min
Typ
Max
Units
Supply Voltage (VCC)
+3.0
+3.3
+3.6
V
Receiver Input Voltage
GND
+3.0
V
Operating Free Air Temperature (TA)
−40
25
+85
°C
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90LV048A


Similar Part No. - DS90LV048ATMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV048ATMX TI-DS90LV048ATMX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMX/NOPB TI1-DS90LV048ATMX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - DS90LV048ATMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032ATM TI1-DS90LV032ATM Datasheet
975Kb / 18P
[Old version datasheet]   DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com