Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS50PCI402SQ Datasheet(PDF) 8 Page - Texas Instruments

Part # DS50PCI402SQ
Description  DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS50PCI402SQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS50PCI402SQ Datasheet HTML 4Page - Texas Instruments DS50PCI402SQ Datasheet HTML 5Page - Texas Instruments DS50PCI402SQ Datasheet HTML 6Page - Texas Instruments DS50PCI402SQ Datasheet HTML 7Page - Texas Instruments DS50PCI402SQ Datasheet HTML 8Page - Texas Instruments DS50PCI402SQ Datasheet HTML 9Page - Texas Instruments DS50PCI402SQ Datasheet HTML 10Page - Texas Instruments DS50PCI402SQ Datasheet HTML 11Page - Texas Instruments DS50PCI402SQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
0
50
100
150
200
250
0
10k 20k 30k 40k 50k 60k 70k 80k
SD_TH RESISTOR VALUE (:)
VDD = 2.5V
TA = 25°C
DS50PCI402
SNLS320H – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Table 6. Idle Control (3–Level Input)
TXIDLEA/B
Function
0
This state is for lossy media, dedicated Idle threshold detect circuit disabled,
output follows input based on EQ settings. Idle state not ensured.
Float
Float enables automatic idle detection. Idle on the input is passed to the
output. This is the recommended default state. Output driven to Idle if diff input
signal less than value set by SD_TH pin.
1
Manual override, output forced to Idle. Diff inputs are ignored.
Table 7. Receiver Electrical Idle Detect Threshold Adjust (Analog input - Connect Resistor to GND or
Float)
SD_TH resistor value (
Ω) (connect from pin to GND)(1)
Typical Receiver Electrical Idle Detect Threshold (DIFF p-p)
Float (no resistor required)
130mV (default condition)
0
225mV
80K
20mV
(1)
SD_TH resistor value can be set from 0 through 80K Ohms to achieve desired idle detect threshold, see Figure 1. 8K Ohm is approx
130mV.
Figure 1. Typical Idle threshold vs SD_TH resistor value
Receiver Detection
The Rx detection process is a feature that can set the number of active channels on the DS50PCI402. By
sensing the presence of a valid PCIe load on the output, the channel can be automatically enabled for operation.
This allows the DS50PCI402 to configure inself to the proper lane width, whether it is a 4-lane, 2-lane, or 1-lane
PCIe link.
Automatic Rx Detection is enabled by a combination of PRSNT# and ENRXDET inputs. When these inputs are
set low, Automatic Rx Detection is enabled, cycling of the PRSNT# pin will reset the Rx detection circuitry,
initiating a new receiver detection sequence. Pulling the ENRXDET input to logic 1, allows for manual control of
the input termination.
The table below summarizes control pin and receiver detect operation for the DS50PCI402.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS50PCI402


Similar Part No. - DS50PCI402SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS50PCI402SQ TI1-DS50PCI402SQ Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ/NOPB TI1-DS50PCI402SQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQE TI1-DS50PCI402SQE Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQE/NOPB TI1-DS50PCI402SQE/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results

Similar Description - DS50PCI402SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI401 TI1-DS50PCI401_13 Datasheet
1Mb / 36P
[Old version datasheet]   DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS80PCI102 TI1-DS80PCI102 Datasheet
278Kb / 6P
[Old version datasheet]   DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com