Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2892ACPZ-RL7 Datasheet(PDF) 2 Page - Analog Devices

Part No. ADN2892ACPZ-RL7
Description  3.3 V, 4.25 Gbps, Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2892ACPZ-RL7 Datasheet(HTML) 2 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADN2892
Data Sheet
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 10
Limiting Amplifier ..................................................................... 10
Loss-of-Signal (LOS) Detector ................................................. 10
Received Signal Strength Indicator (RSSI).............................. 10
Squelch Mode ............................................................................. 10
BW_SEL (Bandwidth Selection) Mode................................... 10
LOS_INV (Lose of Signal_Invert) Mode ................................ 10
Applications..................................................................................... 11
PCB Design Guidelines ............................................................. 11
Pad Coating and Pb-Free Soldering ........................................ 12
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
7/13—Rev. 0 to Rev. A
Change to Output Voltage Swing Parameter, Table 1 ...................3
Changes to Figure 2...........................................................................6
Updated Outline Dimensions........................................................13
Changes to Ordering Guide ...........................................................13
4/05—Revision 0: Initial Version


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn