Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2892ACPZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part No. ADN2892ACPZ-RL7
Description  3.3 V, 4.25 Gbps, Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2892ACPZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADN2892
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
50ps/DIV
Figure 3. Eye of ADN2892 @ 25°C, 4.25 Gbps, and 10 mV Input
50ps/DIV
Figure 4. Eye of ADN2892 @ 95°C, 4.25 Gbps, and 10 mV Input
200ps/DIV
Figure 5. Eye of ADN2892 at 25°C, 1.063 Gbps, and 10 mV Input (BW_SEL = 0)
0
RTH (W)
1k
100k
0.06
10k
0.05
0.04
0.03
0.02
0.01
–40
°C
+25
°C
+95
°C
ASSERTION
DEASSERTION
–40
°C
+25
°C
+95
°C
Figure 6. LOS Trip and Release vs. RTH at 4.25 Gbps
0
RTH (W)
1k
100k
8
10k
7
6
5
4
3
2
1
1GBPS
4.25GBPS
Figure 7. LOS Electrical Hysteresis vs. RTH at 25°C
16
0
ELECTRICAL HYSTERESIS (dB)
5.8
14
12
10
8
6
4
2
6.0 6.2 6.4 6.6 6.8 7.0 7.2 7.4 7.6 7.8 8.0 8.2 8.4 8.6
Figure 8. Sample Lot Distribution—Worst-Case Condition:
Conditions = 4.25 Gbps, 100 kΩ @ −40°C, 3.6 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn