Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2892ACPZ-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADN2892ACPZ-RL7
Description  3.3 V, 4.25 Gbps, Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2892ACPZ-RL7 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADN2892
Data Sheet
Rev. A | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THERE IS AN EXPOSED PAD ON THE BOTTOM OF
THE PACKAGE THAT MUST BE CONNECTED TO
THE GND PLANE WITH FILLED VIAS.
1
AVDD
2
PIN
3
NIN
4
AVEE
11 OUTP
12 DRVCC
10 OUTN
9
DRVEE
TOP VIEW
(Not to Scale)
ADN2892
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
I/O Type1
Description
1
AVCC
P
Analog Power Supply.
2
PIN
AI
Differential Data Input, Positive Port, 50 Ω On-Chip Termination.
3
NIN
AI
Differential Data Input, Negative Port, 50 Ω On-Chip Termination.
4
AVEE
P
Analog Ground.
5
THRADJ
AO
LOS Threshold Adjust Resistor.
6
BW_SEL
DI
With one 100 kΩ on-chip, pull-up resistor, BW_SEL = 0 for 1×/2× FC, BW_SEL = 1 for 4× FC.
7
LOS_INV
DI
With one 100 kΩ on-chip, pull-down resistor, LOS_INV = 1 inverts the LOS output
to be active low for SFF.
8
LOS
DO
LOS Detector Output, Open Collector.
9
DRVEE
P
Output Buffer Ground.
10
OUTN
DO
Differential Data Output, CML, Negative Port, 50 Ω, On-Chip Termination.
11
OUTP
DO
Differential Data Output, CML, Positive Port, 50 Ω, On-Chip Termination.
12
DRVCC
P
Output Buffer Power Supply.
13
SQUELCH
DI
Disable Outputs, 100 kΩ On-Chip, Pull-Down Resistor.
14
RSSI_OUT
AO
Average Current Output.
15
PD_VCC
P
Power Input for RSSI Measurement.
16
PD_CATHODE
AO
Photodiode Bias Voltage.
Exposed Pad
Pad
P
Connect to Ground.
1
P = power; DI = digital input; DO = digital output; AI = analog input; and AO = analog output.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn