Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2892ACPZ-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADN2892ACPZ-RL7
Description  3.3 V, 4.25 Gbps, Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2892ACPZ-RL7 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADN2892
Data Sheet
Rev. A | Page 4 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS (SQUELCH, LOS_INV, AND
BW_SEL)
VIH, Input High Voltage
2.0
V
VIL, Input Low Voltage
0.8
V
Input Current (SQUELCH, LOS_INV)
39
µA
IINH, VIN = 2.4 V, 100 kΩ pull-down,
on-chip resistor
Input Current (BW_SEL)
−38
µA
IINL, VIN = 0.0 V, 100 kΩ pull-up,
on-chip resistor
LOGIC OUTPUTS (LOS)
VOH, Output High Voltage
2.4
V
Open drain output, 4.7 kΩ − 10 kΩ
pull-up resistor to VCC
VOL, Output Low Voltage
0.4
V
Open drain output, 4.7 kΩ − 10 kΩ
pull-up resistor to VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn