Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2892ACPZ-500RL7 Datasheet(PDF) 9 Page - Analog Devices

Part No. ADN2892ACPZ-500RL7
Description  3.3 V, 4.25 Gbps, Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2892ACPZ-500RL7 Datasheet(HTML) 9 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADN2892
Rev. A | Page 9 of 16
0
TEMPERATURE (
°C)
–40
100
900
800
700
600
500
400
300
200
100
–20
0
20
40
60
80
Figure 15. RSSI Offset—Difference Between Measured RSSI Output and
PD_CATHODE (Input) Current of 5 µA
5.0
0
PD_CATHODE CURRENT (
µA)
0
1000
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
200
400
600
800
+100
°C
+30
°C
–40
°C
Figure 16. RSSI Linearity % vs. PD_CATHODE Current
46.0
TEMPERATURE (
°C)
49.0
48.5
48.0
47.5
47.0
46.5
100
–40
–20
0
20
40
60
80
Figure 17. ADN2892 ICC Current vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn