Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2892ACPZ-500RL7 Datasheet(PDF) 8 Page - Analog Devices

Part No. ADN2892ACPZ-500RL7
Description  3.3 V, 4.25 Gbps, Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2892ACPZ-500RL7 Datasheet(HTML) 8 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADN2892
Data Sheet
Rev. A | Page 8 of 16
0
RATE (Gbps)
1.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
Figure 9. Random Jitter vs. Data Rate
0
RATE (Gbps)
1.0
4.5
18
16
14
12
10
8
6
4
2
1.5
2.0
2.5
3.0
3.5
4.0
Figure 10. Deterministic Jitter vs. Data Rate
70
0
100k
SUPPLY-NOISE FREQUENCY
10M
60
50
40
30
20
10
1M
Figure 11. PSRR vs. Supply-Noise Frequency
1200
0
0
PD_CATHODE CURRENT (PHOTODIODE CURRENT) (
µA)
1000
800
600
400
200
200
400
600
800
1000
Figure 12. RSSI Output vs. Average Photodiode Current
60
0
0
PD_CATHODE CURRENT (PHOTODIODE CURRENT) (
µA)
50
40
30
20
10
10
20
30
40
50
Figure 13. RSSI Output vs. Average Photodiode Current (Zoomed)
–0.15
–0.70
INPUT CURRENT (
µA)
0
1000
–0.20
–0.25
–0.30
–0.35
–0.40
–0.45
–0.50
–0.55
–0.60
–0.65
100
200
300
400
500
600
700
800
900
Figure 14. PD_CATHODE Compliance Voltage vs.
Input Current RSSI (Refer to VCC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn