Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26LV32ATM Datasheet(PDF) 3 Page - Texas Instruments

Part # DS26LV32ATM
Description  DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26LV32ATM Datasheet(HTML) 3 Page - Texas Instruments

  DS26LV32ATM Datasheet HTML 1Page - Texas Instruments DS26LV32ATM Datasheet HTML 2Page - Texas Instruments DS26LV32ATM Datasheet HTML 3Page - Texas Instruments DS26LV32ATM Datasheet HTML 4Page - Texas Instruments DS26LV32ATM Datasheet HTML 5Page - Texas Instruments DS26LV32ATM Datasheet HTML 6Page - Texas Instruments DS26LV32ATM Datasheet HTML 7Page - Texas Instruments DS26LV32ATM Datasheet HTML 8Page - Texas Instruments DS26LV32ATM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS26LV32AT
www.ti.com
SNLS128C – APRIL 1999 – REVISED FEBRUARY 2013
Electrical Characteristics
(1) (2)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
Parameter
Test Conditions
Pin
Min
Typ
Max
Units
VTH
Differential Input Threshold
VOUT = VOH or VOL
VCM = −7V to +7V,
−200
±17.5
+200
mV
TA = -40°C to
+85°C
RI+,
VCM = −0.5V to
-200
+200
mV
RI
+5.5V, TA = -55°C
to +125°C(3)
VHY
Hysteresis
VCM = 1.5V
35
mV
VIH
Minimum High Level Input
2.0
V
Voltage
EN,
EN*
VIL
Maximum Low Level Input
0.8
V
Voltage
RIN
Input Resistance
VIN = −7V, +7V, TA = -40°C to +85°C
5.0
8.5
k
Ω
(Other Input = GND)
VIN = −0.5V, +5.5V, TA = -55°C to +125°C
5.0
k
Ω
(Other Input = GND) (3)
IIN
Input Current
VIN = +10V
TA = -40°C to
0
1.1
1.8
mA
+85°C
RI+,
(Other Input = 0V,
VIN = +3V
0
0.27
mA
RI
Power On, or
VIN = 0.5V
−0.02
mA
VCC = 0V)
VIN = −3V
0
−0.43
mA
VIN = −10V
0
−1.26
−2.2
mA
VIN = −0.5V
TA = -55°C to
0
-1.8
mA
+125°C (3)
VIN = 5.5V
0
1.8
mA
IEN
Input Current
VIN = 0V to VCC
EN,
±1
μA
EN*
VOH
High Level Output Voltage
IOH = −6 mA, VID = +1V
2.4
3
V
IOH = −6 mA, VID = OPEN
VOH
High Level Output Voltage
IOH = −100 μA, VID = +1V
VCC −0.1
V
IOH = − 100 μA, VID = OPEN
RO
VOL
Low Level Output Voltage
IOL = +6 mA, VID = −1V
0.13
0.5
V
IOZ
Output TRI-STATE Leakage
VOUT = VCC or GND
±50
μA
Current
EN = VIL, EN* = VIH
ISC
Output Short Circuit Current
VO = 0V, VID ≥ |200 mV|
(4)
−10
−35
−70
mA
ICC
Power Supply Current
No Load, All RI+,
TA = -40°C to
VCC
9
15
mA
R1
− = OPEN, EN,
+85°C
EN* = VCC or GND
TA = -55°C to
20
mA
+125°C
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VID.
(2)
All typicals are given for: VCC = +3.3V, TA = +25°C.
(3)
This parameter does not meet the TIA/EIA-422-B specification.
(4)
Short one output at a time to ground. Do not exceed package.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS26LV32AT


Similar Part No. - DS26LV32ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LV32ATM NSC-DS26LV32ATM Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS26LV32ATM TI1-DS26LV32ATM Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM/NOPB TI1-DS26LV32ATM/NOPB Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results

Similar Description - DS26LV32ATM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT TI1-DS26LV32AT_15 Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS34LV86T TI1-DS34LV86T_14 Datasheet
912Kb / 15P
[Old version datasheet]   DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
logo
National Semiconductor ...
DS26LV31T NSC-DS26LV31T Datasheet
121Kb / 8P
   3V Enhanced CMOS Quad Differential Line Driver
DS26LV31QML NSC-DS26LV31QML Datasheet
457Kb / 5P
   3V Enhanced CMOS Quad Differential Line Driver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com