Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6818 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 6818
Description  DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6818 Datasheet(HTML) 3 Page - Allegro MicroSystems

  6818 Datasheet HTML 1Page - Allegro MicroSystems 6818 Datasheet HTML 2Page - Allegro MicroSystems 6818 Datasheet HTML 3Page - Allegro MicroSystems 6818 Datasheet HTML 4Page - Allegro MicroSystems 6818 Datasheet HTML 5Page - Allegro MicroSystems 6818 Datasheet HTML 6Page - Allegro MicroSystems 6818 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6818
32-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVER
www.allegromicro.com
FUNCTIONAL BLOCK DIAGRAM
TRUTH TABLE
Serial
Shift Register Contents
Serial
Latch Contents
Output Contents
Data
Clock
Data
Strobe
Input
Input I1
I2
I3
...
IN-1 IN
Output
Input
I1
I2
I3
...
IN-1 IN Blanklng
I1 I2 I3 ... IN-1 IN
HH
R1 R2 ...
RN-2 RN-1
RN-1
LL
R1 R2 ...
RN-2 RN-1
RN-1
XR1 R2 R3 ...
RN-1 RN
RN
XXX...
X
X
X
L
R1 R2 R3 ...
RN-1 RN
P1 P2 P3 ...
PN-1 PN
PN
HP1 P2 P3 ...
PN-1 PN
LP1 P2 P3 ... PN-1 PN
X
X
X
...
X
X
H
L
L
L
... L
L
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
MOS
BIPOLAR
OUT 1 OUT 2
GROUND
Dwg. FP-013-1
OUT 3
OUT N
CLOCK
SERIAL
DATA IN
STROBE
BLANKING
SERIAL
DATA OUT
SERIAL-PARALLEL SHIFT REGISTER
LATCHES
VDD
VBB
LOGIC
SUPPLY
LOAD
SUPPLY


Similar Part No. - 6818

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6818 ALLEGRO-6818 Datasheet
124Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
logo
Molex Electronics Ltd.
68183-0001 MOLEX8-68183-0001 Datasheet
156Kb / 3P
   6.25 mm (.246") Pitch, 24 Pin DVI Single Link Digital Plug, Transmitter
68183-0002 MOLEX8-68183-0002 Datasheet
156Kb / 3P
   6.25 mm (.246") Pitch, 24 Pin DVI Single Link Digital Plug, Receiver
68183-0005 MOLEX8-68183-0005 Datasheet
102Kb / 3P
   USA AC-DC Adapter for Optical Graphic Extension Module
681830005 MOLEX8-681830005 Datasheet
102Kb / 3P
   USA AC-DC Adapter for Optical Graphic Extension Module
More results

Similar Description - 6818

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6818 ALLEGRO-6818 Datasheet
124Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6811 ALLEGRO-6811 Datasheet
156Kb / 8P
   DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
May 15, 2000
6812 ALLEGRO-6812 Datasheet
178Kb / 10P
   DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6812EEP-T ALLEGRO-A6812EEP-T Datasheet
334Kb / 9P
   DABiC-IV 20-Bit Serial-Input Latched Source Driver
6812 ALLEGRO-6812_03 Datasheet
139Kb / 9P
   DABiC-IV, 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com