Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2107ADN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2107ADN
Description  4A, 6V Synchronous Step-Down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2107ADN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2107ADN Datasheet HTML 1Page - Monolithic Power Systems MP2107ADN Datasheet HTML 2Page - Monolithic Power Systems MP2107ADN Datasheet HTML 3Page - Monolithic Power Systems MP2107ADN Datasheet HTML 4Page - Monolithic Power Systems MP2107ADN Datasheet HTML 5Page - Monolithic Power Systems MP2107ADN Datasheet HTML 6Page - Monolithic Power Systems MP2107ADN Datasheet HTML 7Page - Monolithic Power Systems MP2107ADN Datasheet HTML 8Page - Monolithic Power Systems MP2107ADN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2107/MP2107A
4A, 6V Synchronous
Step-Down Switching Regulator
MP2107/MP2107A Rev. 1.1
www.MonolithicPower.com
1
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2107 is an internally compensated
1.5MHz fixed-frequency PWM synchronous
step-down regulator. MP2107 operates from a
2.7V to 6V input and generates an output
voltage as low as 0.8V.
The MP2107 integrates a 80mΩ high-side
switch and a 60mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, the MP2107 based
solution delivers a very compact footprint with a
minimum component count.
The MP2107 is available in a small 3mm x 3mm
10-pin QFN package and the MP2107A is
available in an 8-pin SOIC package with an
exposed pad.
FEATURES
• 4A Output Current
• Input Operation Range: 2.7V to 6V
• 60mΩ Internal Power MOSFET Switches
• All Ceramic Capacitor Design
• Up to 95% Efficiency
• 1.5MHz Fixed Switching Frequency
• Adjustable Output from 0.8V to 0.9xVIN
• Internal Soft-Start
• Frequency Synchronization Input
• Power Good Output
• Cycle-by-Cycle Current Limiting
• Hiccup Short Circuit Protection
• Thermal Shutdown
• 3mm x 3mm 10-pin QFN (MP2107) and
8-pin SOIC (MP2107A) Packages
APPLICATIONS
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Network and Telecom Equipment
• Point of Load Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
BS
IN
FB
SW
EN/SYNC
POK
GND
VOUT
1.8V / 4A
VIN
5V
POK
(MP2107)
OFF ON
C3
100nF
Efficiency vs
Output Current
0
70
75
85
90
95
80
1234
OUTPUT CURRENT (A)
5V to 2.5V
5V to 1.8V
5V to 3.3V


Similar Part No. - MP2107ADN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2101 MPS-MP2101 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
MP2101DQ MPS-MP2101DQ Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
MP2101DQ MPS-MP2101DQ Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
MP2104 MPS-MP2104 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
MP2104DJ MPS-MP2104DJ Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
More results

Similar Description - MP2107ADN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV28115DQ-00C MPS-EV28115DQ-00C Datasheet
196Kb / 4P
   4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-00B MPS-EV28115DQ-00B Datasheet
182Kb / 4P
   4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-01C MPS-EV28115DQ-01C Datasheet
196Kb / 4P
   4A, 6V, Synchronous Step-Down Switching Regulator EV Board
MP2119 MPS-MP2119 Datasheet
466Kb / 12P
   2A, 6V Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
   4A Synchronous Step-Down Regulator
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
   4A Synchronous Step-Down Regulator
logo
Maxim Integrated Produc...
MAX20808 MAXIM-MAX20808 Datasheet
1Mb / 27P
   Dual-Output 4A, 3MHz, 2.7V??6V Step-Down Switching Regulator
19-101082; Rev 0; 5/21
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
logo
Linear Technology
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
   6V 6.0A 1.2MHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com