Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6811 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 6811
Description  DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6811 Datasheet(HTML) 1 Page - Allegro MicroSystems

  6811 Datasheet HTML 1Page - Allegro MicroSystems 6811 Datasheet HTML 2Page - Allegro MicroSystems 6811 Datasheet HTML 3Page - Allegro MicroSystems 6811 Datasheet HTML 4Page - Allegro MicroSystems 6811 Datasheet HTML 5Page - Allegro MicroSystems 6811 Datasheet HTML 6Page - Allegro MicroSystems 6811 Datasheet HTML 7Page - Allegro MicroSystems 6811 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DABiC-IV, 12-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVER
A6811xA
ABSOLUTE MAXIMUM RATINGS
at TA = 25
°C
Logic Supply Voltage, VDD ................... 7.0 V
Driver Supply Voltage, VBB ................... 60 V
Continuous Output Current Range,
IOUT ......................... -40 mA to +15 mA
Input Voltage Range,
VIN ....................... -0.3 V to VDD + 0.3 V
Package Power Dissipation,
PD ........................................ See Graph
Operating Temperature Range, TA
(Suffix ‘E–’) .................. -40
°C to +85°C
(Suffix ‘S–’) .................. -20
°C to +85°C
Storage Temperature Range,
TS ............................... -55
°C to +125°C
Caution: These CMOS devices have input
static protection (Class 2) but are still
susceptible to damage if exposed to
extremely high static electrical charges.
The A6811– devices combine a 12-bit CMOS shift register,
accompanying data latches and control circuitry with bipolar sourcing
outputs and pnp active pull downs. Designed primarily to drive
vacuum-fluorescent displays, the 60 V and -40 mA output ratings also
allow these devices to be used in many other peripheral power driver
applications. The A6811– features an increased data input rate (com-
pared with the older UCN/UCQ5811A) and a controlled output slew
rate.
The CMOS shift register and latches allow direct interfacing with
microprocessor-based systems. With a 3.3 V or 5 V logic supply,
typical serial-data input rates are up to 33 MHz.
A CMOS serial data output permits cascade connections in applica-
tions requiring additional drive lines. Similar devices are available as
the A6809– and A6810– (10 bits), A6812– (20 bits), and A6818– (32
bits).
The A6811– output source drivers are npn Darlingtons, capable of
sourcing up to 40 mA. The controlled output slew rate reduces electro-
magnetic noise, which is an important consideration in systems that
include telecommunications and/or microprocessors and to meet
government emissions regulations. For inter-digit blanking, all output
drivers can be disabled and all sink drivers turned on with a BLANK-
ING input high. The pnp active pull-downs will sink at least 2.5 mA.
Two temperature ranges are available for optimum performance in
commercial (suffix S-) or industrial (suffix E-) applications. Package
styles are provided for through-hole DIP (suffix -A) and surface-mount
SOIC or PLCC (suffix -LW or -EP). Copper lead frames, low logic-
power dissipation, and low output-saturation voltages allow all devices
to source 25 mA from all outputs continuously at up to 83
°C.
FEATURES
I Controlled Output Slew Rate
I High-Speed Data Storage
I 60 V Minimum
Output Breakdown
I High Data Input Rate
I PNP Active Pull-Downs
I Low Output-Saturation Voltages
Complete part number includes a suffix to identify operating
temperature range (E- or S-) and package type (-A, -EP, or -LW).
Always order by complete part number, e.g., A6811SLW .
13
14
15
16
17
19
12
18
20
11
1
2
3
8
9
4
5
6
7
10
SERIAL
DATA OUT
SERIAL
DATA IN
BLANKING
LOGIC
SUPPLY
STROBE
CLOCK
OUT1
OUT2
OUT11
OUT 12
LOAD
SUPPLY
BB
V
VDD
ST
GROUND
CLK
BLNK
OUT 9
OUT 10
OUT 3
Dwg. PP-029-5
OUT 8
OUT7
OUT 6
OUT 5
OUT 4
6811
PRELIMINARY INFORMATION
(subject to change without notice)
May 15, 2000
I Low-Power CMOS Logic
and Latches
I Improved Replacements
for SN75512B, UCN5811–,
and UCQ5811–


Similar Part No. - 6811

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6811 FILTRAN-6811 Datasheet
135Kb / 1P
   ADSL Transformer
logo
API Technologies Corp
6811 APITECH-6811 Datasheet
346Kb / 1P
   Transformer
logo
Molex Electronics Ltd.
68114-1562 MOLEX8-68114-1562 Datasheet
158Kb / 3P
   High Density D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, 15 Circuits, Hexagon Nut, Lead Free
logo
TE Connectivity Ltd
68116-1 TEC-68116-1 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
logo
Mill-Max Mfg. Corp.
68117013002020 MILL-MAX-68117013002020 Datasheet
97Kb / 1P
   WRAPOST RECEPTACLES for .015??- .025??diameter pins
More results

Similar Description - 6811

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6812 ALLEGRO-6812 Datasheet
178Kb / 10P
   DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6812EEP-T ALLEGRO-A6812EEP-T Datasheet
334Kb / 9P
   DABiC-IV 20-Bit Serial-Input Latched Source Driver
6818 ALLEGRO-6818 Datasheet
124Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6812 ALLEGRO-6812_03 Datasheet
139Kb / 9P
   DABiC-IV, 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
Micrel Semiconductor
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
logo
Allegro MicroSystems
A6810SLWTR-T ALLEGRO-A6810SLWTR-T Datasheet
337Kb / 9P
   10-Bit Serial Input Latched Source Driver
logo
Microchip Technology
MIC5891 MICROCHIP-MIC5891 Datasheet
262Kb / 18P
   8-Bit Serial-Input Latched Source Driver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com