Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8532 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8532
Description  Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8532 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8532 Datasheet HTML 6Page - Texas Instruments DAC8532 Datasheet HTML 7Page - Texas Instruments DAC8532 Datasheet HTML 8Page - Texas Instruments DAC8532 Datasheet HTML 9Page - Texas Instruments DAC8532 Datasheet HTML 10Page - Texas Instruments DAC8532 Datasheet HTML 11Page - Texas Instruments DAC8532 Datasheet HTML 12Page - Texas Instruments DAC8532 Datasheet HTML 13Page - Texas Instruments DAC8532 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
DAC8532
10
SBAS246A
www.ti.com
THEORY OF OPERATION
DAC SECTION
The architecture of each channel of the DAC8532 consists of
a resistor string DAC followed by an output buffer amplifier.
Figure 1 shows a simplified block diagram of the DAC
architecture.
The input coding for each device is unipolar straight binary,
so the ideal output voltage is given by:
VX
V
D
OUT
REF
=•
65536
where D = decimal equivalent of the binary code that is
loaded to the DAC register; it can range from 0 to 65535.
VOUTX refers to channel A or B.
RESISTOR STRING
The resistor string section is shown in Figure 2. It is simply
a divide-by-2 resistor followed by a string of resistors, each
of value R. The code loaded into the DAC register deter-
mines at which node on the string the voltage is tapped off.
This voltage is then applied to the output amplifier by closing
one of the switches connecting the string to the amplifier.
OUTPUT AMPLIFIER
Each output buffer amplifier is capable of generating rail-to-
rail voltages on its output which approaches an output range
of 0V to VDD (gain and offset errors must be taken into
account). Each buffer is capable of driving a load of 2k
Ω in
parallel with 1000pF to GND. The source and sink capabili-
ties of the output amplifier can be seen in the typical charac-
teristics.
SERIAL INTERFACE
The DAC8532 uses a 3-wire serial interface (SYNC, SCLK,
and DIN), which is compatible with SPI™, QSPI™, and
Microwire™ interface standards, as well as most DSPs. See
the Serial Write Operation timing diagram for an example of
a typical write sequence.
SPI and QSP are registered trademarks of Motorola.
Microwire is a registered trademark of National Semiconductor.
DAC Register
REF (+)
Resistor String
REF(–)
Output
Amplifier
GND
V
REF
V
OUTX
FIGURE 1. DAC8532 Architecture.
To Output
Amplifier
(2x Gain)
R
R
R
R
V
REF
2
V
REF
R
DIVIDER
FIGURE 2. Resistor String.
The write sequence begins by bringing the SYNC line LOW.
Data from the DIN line is clocked into the 24-bit shift register
on each falling edge of SCLK. The serial clock frequency can
be as high as 30MHz, making the DAC8532 compatible with
high speed DSPs. On the 24th falling edge of the serial clock,
the last data bit is clocked into the shift register and the
programmed function is executed (i.e., a change in Data
Buffer contents, DAC Register contents, and/or a change in
the power-down mode of a specified channel or channels).
At this point, the SYNC line may be kept LOW or brought
HIGH. In either case, the minimum delay time from the 24th
falling SCLK edge to the next falling SYNC edge must be met
in order to properly begin the next cycle. To assure the
lowest power consumption of the device, care should be
taken that the digital input levels are as close to each rail as
possible. (Please refer to the “Typical Characteristics” sec-
tion for the “Supply Current vs Logic Input Voltage” transfer
characteristic curve).


Similar Part No. - DAC8532

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8532 BURR-BROWN-DAC8532 Datasheet
402Kb / 17P
   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGK BURR-BROWN-DAC8532IDGK Datasheet
402Kb / 17P
   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8532IDGK TI1-DAC8532IDGK Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8532IDGKR BURR-BROWN-DAC8532IDGKR Datasheet
402Kb / 17P
   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8532

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8532 BURR-BROWN-DAC8532 Datasheet
402Kb / 17P
   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8532 TI-DAC8532_15 Datasheet
1Mb / 27P
[Old version datasheet]   DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
DAC8534 TI-DAC8534 Datasheet
362Kb / 20P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com