Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2009EE-2.85 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2009EE-2.85
Description  Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2009EE-2.85 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2009EE-2.85 Datasheet HTML 1Page - Monolithic Power Systems MP2009EE-2.85 Datasheet HTML 2Page - Monolithic Power Systems MP2009EE-2.85 Datasheet HTML 3Page - Monolithic Power Systems MP2009EE-2.85 Datasheet HTML 4Page - Monolithic Power Systems MP2009EE-2.85 Datasheet HTML 5Page - Monolithic Power Systems MP2009EE-2.85 Datasheet HTML 6Page - Monolithic Power Systems MP2009EE-2.85 Datasheet HTML 7Page - Monolithic Power Systems MP2009EE-2.85 Datasheet HTML 8Page - Monolithic Power Systems MP2009EE-2.85 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP2009-ULTRA LOW NOISE, LOW DROPOUT,120mA LINEAR REGULATOR
MP2009 Rev. 1.2
www.MonolithicPower.com
4
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = VOUT+0.5V, VEN= VIN, and CIN=1µF, COUT=1μF, Typical values are at TA=25°C, unless
otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TA=25°C
1
VEN Input Bias Current
VIN=6V,
VEN=6V
TA=85°C
0.01
µA
Thermal Shutdown
(9)
150
°C
Thermal Shutdown
Hysteresis
20
°C
Notes:
5) Dropout is defined as VIN-VOUT when VOUT is 100mV below the value of VOUT for VIN= VOUT +0.5V.
6)
IN(MAX)
IN(MIN)
OUT[V
]
OUT[V
]
IN(MAX)
IN(MIN)
OUT(NOM)
VV
Line Regulation
100(%/V)
(V
V
) V
−×
7)
OUT(MAX)
OUT(MIN)
OUT[I
]
OUT[I
]
OUT(MAX)
OUT(MIN)
OUT(NOM)
VV
Load Regulation
100(%/mA)
(I
I
) V
−×
8) Time needed for VOUT to reach 90%of final value.
9) Guaranteed by design, not tested.


Similar Part No. - MP2009EE-2.85

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2009EE-1.8 MPS-MP2009EE-1.8 Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
More results

Similar Description - MP2009EE-2.85

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
   Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com