Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6277ELW Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A6277ELW
Description  8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6277ELW Datasheet(HTML) 5 Page - Allegro MicroSystems

  A6277ELW Datasheet HTML 1Page - Allegro MicroSystems A6277ELW Datasheet HTML 2Page - Allegro MicroSystems A6277ELW Datasheet HTML 3Page - Allegro MicroSystems A6277ELW Datasheet HTML 4Page - Allegro MicroSystems A6277ELW Datasheet HTML 5Page - Allegro MicroSystems A6277ELW Datasheet HTML 6Page - Allegro MicroSystems A6277ELW Datasheet HTML 7Page - Allegro MicroSystems A6277ELW Datasheet HTML 8Page - Allegro MicroSystems A6277ELW Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
6277
8-BIT SERIAL-INPUT,
CONSTANT-CURRENT
LATCHED LED DRIVER
www.allegromicro.com
5
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
4.5
5.0
5.5
V
Output Voltage
VO
–1.0
4.0
V
Output Current
IO
Continuous, any one output
150
mA
IOH
SERIAL DATA OUT
-1.0
mA
IOL
SERIAL DATA OUT
1.0
mA
Logic Input Voltage
VIH
0.7VDD
––
V
VIL
0.3VDD
V
Clock Frequency
fCK
Cascade operation
10
MHz
SWITCHING CHARACTERISTICS at TA = 25
°C, V
DD = VIH = 5 V, VCE = 0.4 V, VIL = 0 V,
REXT = 470
Ω, IO = 40 mA, VL = 3 V, RL = 65 Ω, CL = 10.5 pF.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Propagation Delay Time
tpHL
CLOCK-OUTn
350
1000
ns
LATCH-OUTn
350
1000
ns
ENABLE-OUTn
350
1000
ns
CLOCK-SERIAL DATA OUT1
80
110
ns
Propagation Delay Time
tpLH
CLOCK-OUTn
300
1000
ns
LATCH-OUTn
400
1000
ns
ENABLE-OUTn
380
1000
ns
CLOCK-SERIAL DATA OUT2
80
110
ns
Output Fall Time
tf
90% to 10% voltage
150
250
1000
ns
Output Rise Time
tr
10% to 90% voltage
150
250
600
ns


Similar Part No. - A6277ELW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6271KLPTR-T ALLEGRO-A6271KLPTR-T Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271KLPTR-T-1 ALLEGRO-A6271KLPTR-T-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
More results

Similar Description - A6277ELW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
6276 ALLEGRO-6276 Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com