Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1584EN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1584EN
Description  3A, 1.5MHz, 28V Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1584EN Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1584EN Datasheet HTML 2Page - Monolithic Power Systems MP1584EN Datasheet HTML 3Page - Monolithic Power Systems MP1584EN Datasheet HTML 4Page - Monolithic Power Systems MP1584EN Datasheet HTML 5Page - Monolithic Power Systems MP1584EN Datasheet HTML 6Page - Monolithic Power Systems MP1584EN Datasheet HTML 7Page - Monolithic Power Systems MP1584EN Datasheet HTML 8Page - Monolithic Power Systems MP1584EN Datasheet HTML 9Page - Monolithic Power Systems MP1584EN Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MP1584 – 3A, 1.5MHz, 28V STEP-DOWN CONVERTER
MP1584 Rev. 1.0
www.MonolithicPower.com
6
8/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, C1 = 10µF, C2 = 22µF, L1 = 10µH, fSW=500kHz, and TA = +25C, unless otherwise noted.
5ms/div.
Startup
IOUT = 0.1A
1ms/div.
Shutdown
IOUT = 0.1A
5ms/div.
Startup
IOUT = 1A
Shutdown
IOUT = 1A
5ms/div.
Startup
IOUT = 2A
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
2A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
Short Circuit Entry
IOUT = 0.1A to Short
Short Circuit Recovery
IOUT = Short to 0.1A
Shutdown
IOUT = 2A
VOUT
2V/div.
IL
1A/div.
VOUT
2V/div.
IL
2A/div.
VSW
10V/div.
VEN
5V/div.


Similar Part No. - MP1584EN

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP158 RECTRON-MP158 Datasheet
28Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
81Kb / 2P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP158 GWSEMI-MP158 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
244Kb / 3P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP158 MPS-MP158 Datasheet
711Kb / 20P
   Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
More results

Similar Description - MP1584EN

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5755 GMT-G5755 Datasheet
84Kb / 1P
   3A, 1.5MHz, 28V Step-down DC/DC
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
MP2365 MPS-MP2365 Datasheet
390Kb / 11P
   3A, 28V, 1.4MHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
   3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
   3A, 28V, 1.4MHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476A EUTECH-EUP3476A Datasheet
159Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com